Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3102 Datasheet (PDF) - Diodes Incorporated

PI3USB3102 Datasheet PDF - Diodes Incorporated
Part # PI3USB3102
Download  PI3USB3102 Download
File Size   1166.73 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB3.0 and USB2.0 Combo Switch

PI3USB3102 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3USB3102 Datasheet PDF - Diodes Incorporated

Part # PI3USB3102
Download  PI3USB3102 Click to download

File Size   1166.73 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB3.0 and USB2.0 Combo Switch

PI3USB3102 Datasheet (HTML) - Diodes Incorporated


PI3USB3102 Product details

Features
ÎÎ1:2 mux/demux for USB 3.0SS, 2.0HS, and 2.0FS signals
ÎÎSwitches Tx, Rx, Dx, and USB_ID from USB3.0 connector
ÎÎInsertion Loss for superspeed channels @ 2.5 GHz: -1.7dB
ÎÎ-3dB Bandwidth for superspeed channels: 4.7GHz
ÎÎReturn loss for superspeed channels @ 2.5GHz: -16dB
ÎÎLow Bit-to-Bit Skew, 7ps max (between '+' and '-' bits)
ÎÎLow Crosstalk for superspeed channels: -25dB@5.0 Gbps
ÎÎLow Off Isolation for superspeed channels: -25dB@5.0 Gbps
ÎÎVDD Operating Range: 3.3V +/-10%
ÎÎESD Tolerance: 2kV HBM
ÎÎLow channel-to-channel skew, 35ps max
ÎÎPackaging (Pb-free & Green):
àà 32 TQFN (ZL)




Similar Part No. - PI3USB3102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB3102 PERICOM-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
PI3USB3102ZDA PERICOM-PI3USB3102ZDA Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
PI3USB3102ZLE PERICOM-PI3USB3102ZLE Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
More results


Similar Description - PI3USB3102

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX86201 CONEXANT-CX86201 Datasheet
222Kb / 2P
Network Processor with Integrated Ethernet Switch and USB2.0 Support
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
logo
Protek Devices
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
LoPro??DPDT USB2.0 Switch
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
LoPro??DPDT USB2.0 (480Mbps) Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
HIGH-SPEED USB2.0 DPDT SWITCH
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
USB2.0(480MBPS)SWITCH
logo
Pericom Semiconductor C...
PI3USB3102 PERICOM-PI3USB3102 Datasheet
1Mb / 11P
USB3.0 and USB2.0 Combo Switch
logo
XFMRS Inc.
XFGIB100-USBXU-4 XFMRS-XFGIB100-USBXU-4 Datasheet
119Kb / 3P
GIGABIT STACKED USB2.0 COMBO
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
logo
Diodes Incorporated
PI3USB30532 DIODES-PI3USB30532 Datasheet
414Kb / 1P
3.3V, USB3.0/DP1.2 6:4 Matrix Switch
3.3V
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com