Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3102 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI3USB3102
Description  USB3.0 and USB2.0 Combo Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3102 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI3USB3102 Datasheet HTML 3Page - Diodes Incorporated PI3USB3102 Datasheet HTML 4Page - Diodes Incorporated PI3USB3102 Datasheet HTML 5Page - Diodes Incorporated PI3USB3102 Datasheet HTML 6Page - Diodes Incorporated PI3USB3102 Datasheet HTML 7Page - Diodes Incorporated PI3USB3102 Datasheet HTML 8Page - Diodes Incorporated PI3USB3102 Datasheet HTML 9Page - Diodes Incorporated PI3USB3102 Datasheet HTML 10Page - Diodes Incorporated PI3USB3102 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PI3USB3102
USB3.0 and 2.0 Combo switch
11/09/12
RT
4pF
CL
VDD
VIN
VOUT
200-ohm
200-ohm
2 * Vdd
Pulse
Generator
D.U.T
Test Circuit for Electrical Characteristics(1-5)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Output 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
4. Output 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
5. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
6. The outputs are measured one at a time with one transition per measurement.
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
50%
50%
VDD
VOH
0V
VOL
tPHZ
tPZL
tPZH
Output 1
Output 2
VOL
VOH
SEL
10%
90%
Switch Positions
Test
Switch
tPLZ, tPZL (output on B-side)
2 * Vdd
tPHZ, tPZH (output on B-side)
GND
Prop Delay
Open
Test Circuit for Dynamic Electrical Characteristics
DUT
Agilent PNA-L Network Analyzer
Balanced port 1
Balanced port 2
12-0264



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com