Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2983 Datasheet (PDF) - Protek Devices

PA2983 Datasheet PDF - Protek Devices
Part # PA2983
Download  PA2983 Download
File Size   163.91 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LoPro??DPDT USB2.0 Switch

PA2983 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2983 Datasheet PDF - Protek Devices

Part # PA2983
Download  PA2983 Click to download

File Size   163.91 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LoPro??DPDT USB2.0 Switch

PA2983 Datasheet (HTML) - Protek Devices




Similar Part No. - PA2983

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2983.230HLT PULSE-PA2983.230HLT Datasheet
532Kb / 2P
Power Beads - PA2983.XXXHL Series
PA2983.650HLT PULSE-PA2983.650HLT Datasheet
532Kb / 2P
Power Beads - PA2983.XXXHL Series
More results


Similar Description - PA2983

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2070 PROTEC-PA2070 Datasheet
110Kb / 6P
LoPro??DPDT 400MHz Switch
PA2222 PROTEC-PA2222 Datasheet
137Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2312 PROTEC-PA2312 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
LoPro??DPDT USB2.0 (480Mbps) Switch
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
HIGH-SPEED USB2.0 DPDT SWITCH
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
High-Speed USB2.0 (480 Mbps) DPDT Switch
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com