Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2070 Datasheet (PDF) - Protek Devices

PA2070 Datasheet PDF - Protek Devices
Part # PA2070
Download  PA2070 Download
File Size   110.62 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LoPro??DPDT 400MHz Switch

PA2070 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA2070 Datasheet PDF - Protek Devices

Part # PA2070
Download  PA2070 Click to download

File Size   110.62 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LoPro??DPDT 400MHz Switch

PA2070 Datasheet (HTML) - Protek Devices


PA2070 Product details

Description
ProTek Analog’s PA2070 is a bidirectional two-port Hi-speed switch. Configured as a double-pole double throw (DPDT), it is optimized for 400MHz switching.
The bandwidth of 400MHz allows passing of the 2rd Harmonic, resulting in minimal edge and phase distortion.
Superior channel to channel crosstalk minimizes interference.
The PA2070 contains circuitry for Power-Off protection when VCC = 0V. Data pins can tolerate up to 5.5V
The PA2070 is compatible with 1.8 and 1.4V Systems.

Features
• Low On-Resistance: 7.0Ω typical.
• Vcc Range: 2.7V to 4.2V ±10%
• Switching Speed 20nS
• Break-Before-Make Switching
• Extended Industrial Temperature Range: –40°C to 85°C
• LoPro™ Packaging (Pb-free): 10-Lead Micro Package
• Bandwidth 400MHz @ -3dB roll-off.
• Compatible with 1.8V systems.
• Power off protection.

Applications
• Hand Held Devices
• Cell Phones
• PDA’s
• Notebooks
• LCD Monitors
• Set Top Box
• USB2.0 Applications




Similar Part No. - PA2070

ManufacturerPart #DatasheetDescription
logo
IMO Precision Controls ...
PA20701 IMO-PA20701 Datasheet
135Kb / 2P
Footswitches PX/PA
logo
Pulse A Technitrol Comp...
PA2070NL PULSE-PA2070NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA2070NL PULSE-PA2070NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
More results


Similar Description - PA2070

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
150C2206 DAICO-150C2206 Datasheet
34Kb / 1P
Switch DPDT
logo
Protek Devices
PA2222 PROTEC-PA2222 Datasheet
137Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2312 PROTEC-PA2312 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2983 PROTEC-PA2983 Datasheet
163Kb / 6P
LoPro??DPDT USB2.0 Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
LoPro??DPDT USB2.0 (480Mbps) Switch
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
DPDT Analog Switch
logo
Pasternack Enterprises,...
PE71S6110 PASTERNACK-PE71S6110 Datasheet
423Kb / 4P
DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com