Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10085 Datasheet (PDF) - NXP Semiconductors

TDA10085 Datasheet PDF - NXP Semiconductors
Part # TDA10085
Download  TDA10085 Download
File Size   93.92 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single chip DVB-S/DSS channel receiver

TDA10085 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA10085 Datasheet PDF - NXP Semiconductors

Part # TDA10085
Download  TDA10085 Click to download

File Size   93.92 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single chip DVB-S/DSS channel receiver

TDA10085 Datasheet (HTML) - NXP Semiconductors


TDA10085 Product details

GENERAL DESCRIPTION
The TDA10085 is a single-chip channel receiver for satellite television reception matching both DSS and DVB-S standards. The device contains a dual 6-bit flash ADC, variable rate BPSK/QPSK coherent demodulator and forward error correction functions. The ADC interfaces directly with I and Q analog baseband signals.

FEATURES
• DSS and DVB-S compliant single chip demodulator and forward error correction
• Dual 6-bit Analog-to-Digital Converter (ADC) on-chip
• PLL that allows using a low-cost crystal (typically 4 MHz)
• DiSEqC 1.X from 1 to 8 byte-long sequences with modulated or unmodulated output
• DSS dish control
• Digital cancellation of ADC offset
• Simultaneous parallel and serial output interfaces
• Variable rate BPSK/QPSK coherent demodulator
• Modulation rate variable from 1 to 49 Mbauds
• Automatic gain control output
• Digital symbol timing recovery:
    – Acquisition range up to 960 ppm
• Carrier offset cancellation up to one half of the sampling frequency
• Digital carrier recovery:
    – Acquisition range up to 12% of the symbol rate
• Half-Nyquist filters: roll-off = 0.35 for DVB and 0.2 for DSS
• Interpolating and anti-aliasing filters to handle variable symbol rates
• Channel quality estimation
• Spectral inversion ambiguity resolution
• Viterbi decoder:
    – Supported rates from 1/2 to 8/9
    – Constraint length K = 7 with G1 = 1718 and G2 = 1338
    – Viterbi output BER measurement
    – Automatic code rate search within 1/2, 2/3 and 6/7 in DSS mode
    – Automatic code rate search within 1/2, 2/3, 3/4, 5/6 and 7/8 in DVB-S mode
• Convolutional de-interleaver and Reed Solomon decoder according to DVB and DSS specifications
• Automatic frame synchronization
• Selectable DVB-S descrambling
• I2C-bus interface
• 64-pin TQFP package
• CMOS technology (0.2 µm, 1.8 V to 3.3 V)

APPLICATIONS
• DVB-S receivers (ETS 300-421)
• DSS receivers.




Similar Part No. - TDA10085

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1001 PHILIPS-TDA1001 Datasheet
108Kb / 13P
Interference and noise suppression circuit for FM receivers
December 1982
TDA1001B PHILIPS-TDA1001B Datasheet
108Kb / 13P
Interference and noise suppression circuit for FM receivers
December 1982
TDA1001BT PHILIPS-TDA1001BT Datasheet
108Kb / 13P
Interference and noise suppression circuit for FM receivers
December 1982
TDA10021 PHILIPS-TDA10021 Datasheet
92Kb / 16P
DVB-C channel receiver
2001 Oct 01
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
DVB-C channel receiver
2001 Oct 01
More results


Similar Description - TDA10085

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
DVB-C channel receiver
2001 Oct 01
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
DVB-T channel receiver
2001 Nov 08
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
DVB/DSS Compliant Receiver
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
Channel Decoder for DVB-S/DSS
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
Single-chip DVB-T channel
May 2002
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
SATELLITE RECEIVER FOR DVB-S/DSS
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
List of Unclassifed Man...
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com