Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10085 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA10085
Description  Single chip DVB-S/DSS channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10085 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA10085 Datasheet HTML 1Page - NXP Semiconductors TDA10085 Datasheet HTML 2Page - NXP Semiconductors TDA10085 Datasheet HTML 3Page - NXP Semiconductors TDA10085 Datasheet HTML 4Page - NXP Semiconductors TDA10085 Datasheet HTML 5Page - NXP Semiconductors TDA10085 Datasheet HTML 6Page - NXP Semiconductors TDA10085 Datasheet HTML 7Page - NXP Semiconductors TDA10085 Datasheet HTML 8Page - NXP Semiconductors TDA10085 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2001 Aug 31
3
Philips Semiconductors
Product specification
Single chip DVB-S/DSS channel receiver
TDA10085HT
1
FEATURES
• DSS and DVB-S compliant single chip demodulator and
forward error correction
• Dual 6-bit Analog-to-Digital Converter (ADC) on-chip
• PLL that allows using a low-cost crystal
(typically 4 MHz)
• DiSEqC 1.X from 1 to 8 byte-long sequences with
modulated or unmodulated output
• DSS dish control
• Digital cancellation of ADC offset
• Simultaneous parallel and serial output interfaces
• Variable rate BPSK/QPSK coherent demodulator
• Modulation rate variable from 1 to 49 Mbauds
• Automatic gain control output
• Digital symbol timing recovery:
– Acquisition range up to 960 ppm
• Carrier offset cancellation up to one half of the sampling
frequency
• Digital carrier recovery:
– Acquisition range up to 12% of the symbol rate
• Half-Nyquist filters: roll-off = 0.35 for DVB and
0.2 for DSS
• Interpolating and anti-aliasing filters to handle variable
symbol rates
• Channel quality estimation
• Spectral inversion ambiguity resolution
• Viterbi decoder:
– Supported rates from 1/2 to 8/9
– Constraint length K = 7 with G1 = 1718 and
G2 = 1338
– Viterbi output BER measurement
– Automatic code rate search within 1/2, 2/3 and 6/7 in
DSS mode
– Automatic code rate search within 1/2, 2/3, 3/4, 5/6
and 7/8 in DVB-S mode
• Convolutional de-interleaver and Reed Solomon
decoder according to DVB and DSS specifications
• Automatic frame synchronization
• Selectable DVB-S descrambling
• I2C-bus interface
• 64-pin TQFP package
• CMOS technology (0.2 µm, 1.8 V to 3.3 V).
2
APPLICATIONS
• DVB-S receivers (ETS 300-421)
• DSS receivers.
3
GENERAL DESCRIPTION
The TDA10085 is a single-chip channel receiver for
satellite television reception matching both DSS and
DVB-S standards. The device contains a dual 6-bit flash
ADC, variable rate BPSK/QPSK coherent demodulator
and forward error correction functions. The ADC interfaces
directly with I and Q analog baseband signals.
After analog-to-digital conversion, the TDA10085
implements a bank of cascadable filters as well as
anti-alias and half-Nyquist filters. An analog AGC signal is
generated using an amplitude estimation function. The
TDA10085 performs clock recovery at twice the baud rate
and achieves coherent demodulation without any
feedback to the local oscillator. Forward error correction is
built around two error-correcting codes: a Reed-Solomon
(outer code) and a Viterbi decoder (inner code). The
Reed-Solomon decoder corrects up to 8 erroneous bytes
among the N (204) bytes of one data packet.
A convolutional de-interleaver is located between the
Viterbi output and the Reed-Solomon decoder input. The
de-interleaver and Reed-Solomon decoder are
automatically synchronized according to a frame
synchronization algorithm that uses the sync pattern
present in each packet. The TDA10085 is controlled via an
I2C-bus interface. The circuit operates at sampling
frequencies up to 100 MHz, can process variable
modulation rates and achieves transmission rates up to
45 Mbaud. Furthermore, for dish control applications,
hardware supports DiSEqc 1.x with control access via the
I2C-bus.
An interrupt line that can be programmed to activate on
events or on timing information is provided.
Designed in 20 micron CMOS technology and housed in a
TQFP64 package, the TDA10085 operates over the
commercial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com