Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5202D Datasheet (PDF) - Excelliance MOS Corp.

EM5202D Datasheet PDF - Excelliance MOS Corp.
Part # EM5202D
Download  EM5202D Download
File Size   1690.85 Kbytes
Page   11 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 5.5V, 10A, Ultra Low Ron Single Load Switch

EM5202D Datasheet (PDF)

Go To PDF Page Download Datasheet
EM5202D Datasheet PDF - Excelliance MOS Corp.

Part # EM5202D
Download  EM5202D Click to download

File Size   1690.85 Kbytes
Page   11 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 5.5V, 10A, Ultra Low Ron Single Load Switch

EM5202D Datasheet (HTML) - Excelliance MOS Corp.


EM5202D Product details

General Description
The EM5202D is a small, ultra-low RON, single channel
load switch with controlled turn on. The device contains
an N-channel MOSFET that can operate over an input
voltage range of 0.8V to 5V and can support a maximum
continuous current of 10A.
The combination of ultra-low RON and high current
capability of the device makes it ideal for driving
processor rails with very tight voltage dropout tolerances.
The EM5202D is available in a small, space-saving DFN
3mm x 3mm 8- with integrated thermal pad allowing for
high power dissipation

eatures
 VBIAS Voltage Range : 2.5V to 5.5V
 VIN Voltage Range : 0.8V to 5.5V
 Low Ron Internal NMOS: Ron=3.5mohm at
Vin=1.05V(VBIAS=2.5V to 5.5V)
 10A Maximum Continuous Switch Current
 Low Quiescent Current (20uA at VBIAS=5V)
 Low Shutdown Current (1uA at VBIAS=5V)
 Quick Output Discharge
 DFN3X3 8L with Thermal PAD

Applications
 Notebook & Netbook &MB
 Desktops
 Tablet PC




Similar Part No. - EM5202D

ManufacturerPart #DatasheetDescription
logo
Dc Components
EM520 DCCOM-EM520 Datasheet
376Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
EM520 DCCOM-EM520 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
EM520 TAYCHIPST-EM520 Datasheet
715Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Frontier Electronics.
EM520 FRONTIER-EM520 Datasheet
120Kb / 2P
1A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
EM520 KISEMICONDUCTOR-EM520 Datasheet
3Mb / 2P
High Voltage Glass Passivated Junction Rectifiers VOLTAGE RANGE : 2000 VOLTS
More results


Similar Description - EM5202D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Littelfuse
LS0504EDD12 LITTELFUSE-LS0504EDD12 Datasheet
1Mb / 8P
5.5V 4A Low-Ron Power Distribution Load Switch
2022 Littelfuse, Inc.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com