Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3210 Datasheet (PDF) - Voltage Multipliers Inc.

3210 Datasheet PDF - Voltage Multipliers Inc.
Part # 3210
Download  3210 Download
File Size   235.91 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description 200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time

3210 Datasheet (PDF)

Go To PDF Page Download Datasheet
3210 Datasheet PDF - Voltage Multipliers Inc.

Part # 3210
Download  3210 Click to download

File Size   235.91 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description 200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time

3210 Datasheet (HTML) - Voltage Multipliers Inc.


3210 Product details

200 V - 1,000 V Three Phase Bridge

4.0 A - 5.0 A Forward Current
70 ns - 3000 ns Recovery Time




Similar Part No. - 3210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3210 ETC-3210 Datasheet
232Kb / 2P
200 V - 1,000 V Three Phase Bridge
logo
Allegro MicroSystems
3210 ALLEGRO-3210 Datasheet
861Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
List of Unclassifed Man...
3210 ETC2-3210 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3210 HEYCO-3210 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Keystone Electronics Co...
3210 KEYSTONE-3210 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 3210

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1202A VMI-1202A Datasheet
80Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202B VMI-1202B Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202C VMI-1202C Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
3102 VMI-3102 Datasheet
151Kb / 2P
200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
3302 VMI-3302 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
3402B VMI-3402B Datasheet
261Kb / 2P
200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
3502 VMI-3502 Datasheet
184Kb / 2P
200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602 VMI-LTI602 Datasheet
227Kb / 2P
200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602T VMI-LTI602T Datasheet
232Kb / 2P
200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
1302 VMI-1302 Datasheet
142Kb / 2P
200 V - 1,000 V Single Phase Bridge 4.5 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com