Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3210 Datasheet (PDF) - Allegro MicroSystems

3210 Datasheet PDF - Allegro MicroSystems
Part # 3210
Download  3210 Download
File Size   861.96 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES

3210 Datasheet (PDF)

Go To PDF Page Download Datasheet
3210 Datasheet PDF - Allegro MicroSystems

Part # 3210
Download  3210 Click to download

File Size   861.96 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES

3210 Datasheet (HTML) - Allegro MicroSystems


3210 Product details

MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES



The A3209Ex and A3210Ex integrated circuits are ultra-sensitive, pole independent Hall-effect switches with a latched digital output. They are especially suited for operation in battery-operated, hand-held equipment such as cellular and cordless telephones, pagers, and palmtop computers. 2.5 volt to 3.5 volt operation and a unique clocking scheme to reduce the average operat ing power requirements – the A3209Ex to 400 µW, the A3210Ex to 25 µW! Except for operating duty cycle and average operating current, the A3209Ex and A3210Ex are identical.



FEATURES

■Micropower Operation

■Operate With North or South Pole

■2.5 V to 3.5 V Battery Operation

■Chopper Stabilized

    Superior Temperature Stability

    Extremely Low Switch-Point Drift

    Insensitive to Physical Stress

■ESD Protected to 5 kV

■Solid-State Reliability

■Small Size

■Easily Manufacturable With Magnet Pole Independence



 




Similar Part No. - 3210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3210 ETC-3210 Datasheet
232Kb / 2P
200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
3210 VMI-3210 Datasheet
235Kb / 2P
200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
List of Unclassifed Man...
3210 ETC2-3210 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3210 HEYCO-3210 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Keystone Electronics Co...
3210 KEYSTONE-3210 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 3210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
logo
Diodes Incorporated
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
logo
Allegro MicroSystems
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
Micropower Ultra-Sensitive Hall-Effect Switches
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
Micropower Ultra-Sensitive Hall-Effect Switches
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com