Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611S-02 Datasheet (PDF) - PhaseLink Corporation

PL611S-02 Datasheet PDF - PhaseLink Corporation
Part # PL611S-02
Download  PL611S-02 Download
File Size   215.36 Kbytes
Page   8 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock

PL611S-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL611S-02 Datasheet PDF - PhaseLink Corporation

Part # PL611S-02
Download  PL611S-02 Click to download

File Size   215.36 Kbytes
Page   8 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock

PL611S-02 Datasheet (HTML) - PhaseLink Corporation


PL611S-02 Product details

DESCRIPTION
The PL611s-02 is a low-power, small form factor, high performance OTP-base programmable frequency synthesizer and a member of PhaseLink’s PicoPLL Factory Programmable ‘Quick Turn Clocks. Designed to fit in a small DFN, SC70, or SOT23 package for a broad range of applications, the PL611s-02 offers the best phase noise and jitter performance, and power consumption of its rivals. . In addition, one programmable I/O pin can be configured as Output Enable (OE), Frequency switching (FSEL), Power Down (PDB) input, or CLK1 (FOUT, FREF, FREF/2) output. The power down feature of PL611s-02, when activated, allows the IC to consume less than 10µA of power, while its programming flexibility allows generating any output, up to 200MHz using a low-cost crystal or reference input.

FEATURES
• Lowest-power, smallest Programmable PLL
• Very low Jitter and Phase Noise
• Output Frequency up to:
    o 133MHz @ 1.8V operation
    o 166MHz @ 2.5V operation
    o 200MHz @ 3.3V operation
• Input Frequency:
    o Fundamental Crystal: 10MHz to 50MHz
    o Reference Clock: 1MHz to 200MHz
• Accepts >0.1V reference signal input voltage
• One I/O pin can be configured as Output Enable (OE), Frequency switching (FSEL), Power Down (PDB) input, or CLK1 output.
• <10µA current consumption with PDB active.
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C
• Available in 6-pin DFN, SOT23, and SC70 GREEN/RoHS compliant packages.




Similar Part No. - PL611S-02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
PL611s-02-XXXGC-TR MICROCHIP-PL611s-02-XXXGC-TR Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
PL611s-02-XXXGI MICROCHIP-PL611s-02-XXXGI Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
PL611s-02-XXXGI-TR MICROCHIP-PL611s-02-XXXGI-TR Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
PL611s-02-XXXTC-TR MICROCHIP-PL611s-02-XXXTC-TR Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
More results


Similar Description - PL611S-02

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-15 PLL-PL611S-15 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
The world?셲 smallest surface mount tantalum capacitor
logo
Microchip Technology
PL611S-02 MICROCHIP-PL611S-02 Datasheet
290Kb / 20P
1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com