Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611S-02 Datasheet (PDF) - Microchip Technology

PL611S-02 Datasheet PDF - Microchip Technology
Part # PL611S-02
Download  PL611S-02 Download
File Size   290.26 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock

PL611S-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL611S-02 Datasheet PDF - Microchip Technology

Part # PL611S-02
Download  PL611S-02 Click to download

File Size   290.26 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V-3.3V PicoPLL, World?셲 Smallest Programmable Clock

PL611S-02 Datasheet (HTML) - Microchip Technology


PL611S-02 Product details

General Description
The PL611s-02 is a low-power, small form factor, high performance OTP-base programmable frequency synthesizer and a part in the PicoPLL Factory Programmable Quick Turn Clocks family.

Features
• Lowest-Power, Smallest Programmable PLL
• Very Low Jitter and Phase Noise
• Output Frequency up to:
    - 110 MHz @ 1.8V Operation
    - 166 MHz @ 2.5V Operation
    - 200 MHz @ 3.3V Operation
• Input Frequency:
    - Fundamental Crystal: 10 MHz to 50 MHz
    - Reference Clock: 1 MHz to 200 MHz
• Accepts >0.1V Reference Signal Input Voltage
• One I/O Pin can be Configured as Output Enable (OE), Frequency Switching (FSEL), Power Down (PDB) Input, or CLK1 Output.
• <10 μA Current Consumption with PDB Active.
• Single 1.8V to 3.3V, ±10% Power Supply
• Operating Temperature Range from –40°C to +85°C
• Available in 6-pin DFN and SOT-23 GREEN/RoHS Compliant Packages




Similar Part No. - PL611S-02

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGC PLL-PL611S-02-XXXGC Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGC-R PLL-PL611S-02-XXXGC-R Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGCR PLL-PL611S-02-XXXGCR Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-02-XXXGI PLL-PL611S-02-XXXGI Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
More results


Similar Description - PL611S-02

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-16 PLL-PL611S-16 Datasheet
300Kb / 6P
1.8V-3.3V PicoPLLTM 32K Programmable Clock
PL611S-26 PLL-PL611S-26 Datasheet
199Kb / 8P
1.8V-3.3V PicoPLLTM Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
1.8V to 3.3V PicoPLLTM Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL612-05 PLL-PL612-05 Datasheet
429Kb / 9P
1.8V-3.3V PicoPLL, 2-PLL, 200MHz, 5 Output Clock IC
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
The world?셲 smallest surface mount tantalum capacitor
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com