Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDP323B Datasheet (PDF) - Zilog, Inc.

ZDP323B Datasheet PDF - Zilog, Inc.
Part # ZDP323B
Download  ZDP323B Download
File Size   1209.7 Kbytes
Page   26 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description ZDP323B Series Digital PIR Sensor with I2C Interface

ZDP323B Datasheet (PDF)

Go To PDF Page Download Datasheet
ZDP323B Datasheet PDF - Zilog, Inc.

Part # ZDP323B
Download  ZDP323B Click to download

File Size   1209.7 Kbytes
Page   26 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description ZDP323B Series Digital PIR Sensor with I2C Interface

ZDP323B Datasheet (HTML) - Zilog, Inc.


ZDP323B Product details

Overview
Zilog’s ZDP323B series of Digital Passive Infrared (DPIR) sensors combines a dual element
PIR sensor with all necessary signal processing and an I
2C communication interface to
provide a fully integrated motion sensor, delivering high performance and excellent EMI
immunity for the most demanding motion detection applications.
The device is a dual element, balanced differential (series-opposed type) sensor that comes
in a 4-pin TO-5 nickel-plated metal can. The sensing elements are placed behind a spectral
filter window tuned to 8-13µm wavelength to help block out unwanted IR energy sources.
Communication is supported over an I2C interface and signal processing is performed
digitally with programmable gain, bandwidth, and detection thresholds.
The ZDP323B DPIR sensor should be used in combination with a passive infrared lens.

Features
• Dual-element balanced differential (series opposed) PIR sensor
• Integrated signal processing with programmable filter/gain profiles
• Programmable thresholds
• I
2C interface with trigger output mode
• Up to 4 devices can be supported on a single I
2C bus
• 10-bit addressing, or General Call supported
• Elements are 0.75mm x 2.3mm spaced 0.6mm apart
• Wide Field of View: 148 x 136
• Standard 4-pin metal TO-5 package
• Wide operating voltage range of 1.8V to 5.5V
• 3µA operating current
• Operating temperature range of -40C to +80C

Applications
• Video Doorbell
• IP Camera
• HVAC Control
• Home Appliances
• Lighting Control
• Proximity Detection




Similar Part No. - ZDP323B

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZDP323B1 ZILOG-ZDP323B1 Datasheet
1Mb / 26P
ZDP323B Series Digital PIR Sensor with I2C Interface
ZDP323B1 ZILOG-ZDP323B1 Datasheet
1Mb / 26P
ZDP323B Series Digital PIR Sensor with I2C Interface
ZDP323B1 ZILOG-ZDP323B1 Datasheet
1Mb / 26P
ZDP323B Series Digital PIR Sensor with I2C Interface
ZDP323B1 ZILOG-ZDP323B1 Datasheet
1Mb / 26P
ZDP323B Series Digital PIR Sensor with I2C Interface
ZDP323B2 ZILOG-ZDP323B2 Datasheet
1Mb / 26P
ZDP323B Series Digital PIR Sensor with I2C Interface
More results


Similar Description - ZDP323B

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
Direct Interface with PIR Sensor
logo
Texas Instruments
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
LSI Computer Systems
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
PIR SENSOR INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com