Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1519 Datasheet (PDF) - NXP Semiconductors

TDA1519 Datasheet PDF - NXP Semiconductors
Part # TDA1519
Download  TDA1519 Download
File Size   84.95 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 6 W stereo car radio power amplifier

TDA1519 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1519 Datasheet PDF - NXP Semiconductors

Part # TDA1519
Download  TDA1519 Click to download

File Size   84.95 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 6 W stereo car radio power amplifier

TDA1519 Datasheet (HTML) - NXP Semiconductors


TDA1519 Product details

GENERAL DESCRIPTION

The TDA1519 is an integrated class-B dual output amplifier in a 9-lead single in-line (SIL) plastic medium power package. The device is primarily developed for car radio applications.



Features

• Requires very few external components

• High output power

• Fixed gain

• Good ripple rejection

• Mute/stand-by switch

• Load dump protection

• AC and DC short-circuit-safe to ground and VP

• Thermally protected

• Reverse polarity safe

• Capability to handle high energy on outputs (VP=0 V)

• No switch-on/switch-off plop

• Protected against electrostatic discharge

• Compatible with TDA1517 (except gain).




Similar Part No. - TDA1519

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519C PHILIPS-TDA1519C Datasheet
113Kb / 20P
22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
TDA1519C NXP-TDA1519C Datasheet
1Mb / 22P
22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
Unisonic Technologies
TDA1519CG-H09-B-T UTC-TDA1519CG-H09-B-T Datasheet
386Kb / 8P
No switch-on/switch-off pops
More results


Similar Description - TDA1519

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
List of Unclassifed Man...
ILA1519 ETC-ILA1519 Datasheet
17Kb / 2P
2 x 6 Watt Stereo Car Radio Power Amplifier
logo
NXP Semiconductors
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
logo
Integral Corp.
ILA1519B INTEGRAL-ILA1519B Datasheet
102Kb / 3P
2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
ILA1519B1 INTEGRAL-ILA1519B1 Datasheet
102Kb / 3P
2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com