Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-BKB-GKB Datasheet (PDF) - Cree LED

CLM4B-BKB-GKB Datasheet PDF - Cree LED
Part # CLM4B-BKB-GKB
Download  CLM4B-BKB-GKB Download
File Size   713.81 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description REV 6

CLM4B-BKB-GKB Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM4B-BKB-GKB Datasheet PDF - Cree LED

Part # CLM4B-BKB-GKB
Download  CLM4B-BKB-GKB Click to download

File Size   713.81 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description REV 6

CLM4B-BKB-GKB Datasheet (HTML) - Cree LED


CLM4B-BKB-GKB Product details

FEATURES
• Size (mm): 3.2 X 2.7
• Color and Typical Dominant
Wavelength:
Blue (470nm)
Green (527nm)
• Luminous Intensity (mcd)
CLM4B-BKB:(450-900)
CLM4B-GKB:(2240-4500)
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Channel Letter
• Architectural Lighting




Similar Part No. - CLM4B-BKB-GKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-BKB-CUaVa353 CREE-CLM4B-BKB-CUaVa353 Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-BKB-CUbVa453 CREE-CLM4B-BKB-CUbVa453 Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Similar Description - CLM4B-BKB-GKB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC2525-X NSC-MN54AC2525-X Datasheet
15Kb / 6P
MN54AC2525-X REV 1B0
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
Techinal Data - rev 1.9
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
Rev. EK1
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
ND28283.503086 REV,B
logo
NXP Semiconductors
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
74HCT1G14GW-125 PHILIPS-74HCT1G14GW-125 Datasheet
131Kb / 16P
Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
logo
Mallory performance clu...
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN6632 MALLORY-PN6632 Datasheet
361Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
Rev. C
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com