Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-BKB-GKB Datasheet(PDF) 1 Page - Cree LED

Part # CLM4B-BKB-GKB
Description  REV 6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM4B-BKB-GKB Datasheet(HTML) 1 Page - Cree LED

  CLM4B-BKB-GKB Datasheet HTML 1Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 2Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 3Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 4Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 5Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 6Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 7Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 8Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1302
REV 6
1
CLM4B-BKB/GKB: PLCC4 1 IN 1 SMD LED
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have high
reliability performance and are
designed to work under a wide range of
environmental conditions.
This high reliability feature makes
them ideally suited to be used under
illumination application conditions.
Its wide viewing angle makes these
LEDs ideally suited for channel letter, or
general backlighting and illumina-tion
applications. The flat top emitting surface
makes it easy for these LEDs
to mate with light pipes.
FEATURES
• Size (mm): 3.2 X 2.7
• Color and Typical Dominant
Wavelength:
Blue (470nm)
Green (527nm)
• Luminous Intensity (mcd)
CLM4B-BKB:(450-900)
CLM4B-GKB:(2240-4500)
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Channel Letter
• Architectural Lighting


Similar Part No. - CLM4B-BKB-GKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-BKB-CUaVa353 CREE-CLM4B-BKB-CUaVa353 Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-BKB-CUbVa453 CREE-CLM4B-BKB-CUbVa453 Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM4B-BKB-GKB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MN54AC2525-X NSC-MN54AC2525-X Datasheet
15Kb / 6P
MN54AC2525-X REV 1B0
logo
Freescale Semiconductor...
MC68HC05PV8 FREESCALE-MC68HC05PV8 Datasheet
1Mb / 196P
Techinal Data - rev 1.9
logo
Tyco Electronics
SR6DM MACOM-SR6DM Datasheet
170Kb / 2P
Rev. EK1
logo
PEAK Plastic & Metal Pr...
ND28283.503086 PEAK_Inc-ND28283.503086 Datasheet
148Kb / 2P
ND28283.503086 REV,B
logo
NXP Semiconductors
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
74HCT1G14GW-125 PHILIPS-74HCT1G14GW-125 Datasheet
131Kb / 16P
Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
logo
Mallory performance clu...
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN6632 MALLORY-PN6632 Datasheet
361Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
logo
ATMEL Corporation
STK504-MCU ATMEL-STK504-MCU Datasheet
203Kb / 3P
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com