Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N40-V Datasheet (PDF) - Unisonic Technologies

2N40-V Datasheet PDF - Unisonic Technologies
Part # 2N40-V
Download  2N40-V Download
File Size   686.08 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.0A, 400V N-CHANNEL POWER MOSFET

2N40-V Datasheet (PDF)

Go To PDF Page Download Datasheet
2N40-V Datasheet PDF - Unisonic Technologies

Part # 2N40-V
Download  2N40-V Click to download

File Size   686.08 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.0A, 400V N-CHANNEL POWER MOSFET

2N40-V Datasheet (HTML) - Unisonic Technologies


2N40-V Product details

 DESCRIPTION
The UTC 2N40-V is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching time,
low gate charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in switching power supplies and
adaptors.

 FEATURES
* RDS(ON) ≤ 8.0 Ω @ VGS=10V, ID=1.25A
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness




Similar Part No. - 2N40-V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N40 UTC-2N40 Datasheet
178Kb / 6P
2 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N40 UTC-2N40 Datasheet
175Kb / 5P
2A, 400V N-CHANNEL POWER MOSFET
logo
Seme LAB
2N4000 SEME-LAB-2N4000 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
2N4000 CENTRAL-2N4000 Datasheet
22Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N4000 NJSEMI-2N4000 Datasheet
124Kb / 1P
NPN SWITCHING TRANSISTORS
More results


Similar Description - 2N40-V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF710 INTERSIL-IRF710 Datasheet
56Kb / 7P
2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
June 1999
logo
International Rectifier
JANTX2N6792 IRF-JANTX2N6792 Datasheet
234Kb / 6P
POWER MOSFET N-CHANNEL(BVss=400V, Rds(on)=1.8ohm, Id=2.0A)
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ2N65 DGNJDZ-NJ2N65 Datasheet
625Kb / 6P
2.0A 650V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD3N40 MGCHIP-MDD3N40 Datasheet
1Mb / 7P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com