Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF710 Datasheet (PDF) - Intersil Corporation

IRF710 Datasheet PDF - Intersil Corporation
Part # IRF710
Download  IRF710 Download
File Size   56.15 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET

IRF710 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF710 Datasheet PDF - Intersil Corporation

Part # IRF710
Download  IRF710 Click to download

File Size   56.15 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET

IRF710 Datasheet (HTML) - Intersil Corporation


IRF710 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. They can be operated directly from integrated circuits.

Formerly developmental type TA17444.



Features

• 2.0A, 400V

• rDS(ON) = 3.600Ω

• Single Pulse Avalanche Energy Rated

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Related Literature

   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - IRF710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF710 FAIRCHILD-IRF710 Datasheet
147Kb / 5P
N-Channel Power MOSFETs, 2.25A, 350-400V
logo
Vishay Siliconix
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
New Jersey Semi-Conduct...
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
IRF710-713 MTP2N35/2N40 N-Channel Power MOSFETs
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
N-Channel Power MOSFETs, 2.25 A, 350-400 V
logo
Inchange Semiconductor ...
IRF710 ISC-IRF710 Datasheet
203Kb / 2P
N-Channel Mosfet Transistor
More results


Similar Description - IRF710

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
January 1998
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRFD310 INTERSIL-IRFD310 Datasheet
50Kb / 6P
0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
July 1999
IRFF310 INTERSIL-IRFF310 Datasheet
326Kb / 7P
1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF310 NJSEMI-IRFF310 Datasheet
1,003Kb / 3P
1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDD3N40 MGCHIP-MDD3N40 Datasheet
1Mb / 7P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com