Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTS0304 Datasheet (PDF) - Unisonic Technologies

UNTS0304 Datasheet PDF - Unisonic Technologies
Part # UNTS0304
Download  UNTS0304 Download
File Size   332.31 Kbytes
Page   14 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4-BIT DUAL SUPPLY TRANSLATING TRANSCEIVER; OPEN DRAIN; AUTO DIRECTION SENSING

UNTS0304 Datasheet (PDF)

Go To PDF Page Download Datasheet
UNTS0304 Datasheet PDF - Unisonic Technologies

Part # UNTS0304
Download  UNTS0304 Click to download

File Size   332.31 Kbytes
Page   14 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4-BIT DUAL SUPPLY TRANSLATING TRANSCEIVER; OPEN DRAIN; AUTO DIRECTION SENSING

UNTS0304 Datasheet (HTML) - Unisonic Technologies


UNTS0304 Product details

 DESCRIPTION
The UTC UNTS0304 is a 4-bit, dual supply translating transceiver
family with auto direction sensing, that enables bidirectional voltage
level translation. It features eight 1-bit input-output ports (A and B),
one output enable input (OE) and two supply pins (VCCA and VCCB).
VCCA can be supplied at any voltage between 0.95V and 3.6V. VCCB
can be supplied at any voltage between 1.65V and 5.5V. This flexibility
makes the device suitable for translating between any of the voltage
nodes (0.95V, 1.2V, 1.8V, 2.5V, 3.3V and 5.0V). Pins A and OE are
referenced to VCCA and pin B is referenced to VCCB. A LOW level at pin
OE causes the outputs to assume a high-impedance OFF-state.

 FEATURES
* Wide supply voltage range:
VCCA: 0.95V to 3.6V
VCCB: 1.65V to 5.5V
* No power-sequencing required
* Maximum data rate: Open-drain: 2 Mbps; Push-pull: 20 Mbps
* Longer one-shot pulse for driving larger capacitive loads with much
reduced ringing and overshoot
* A-side and OE inputs accept voltages up to 3.6V and are 3.6V
tolerant
* B-side inputs accept voltages up to 5.5V and are 5.5V tolerant
* Package options: TSSOP14 and WLCSP12
* Specified from -40 °C to +125 °C




Similar Part No. - UNTS0304

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UNTB0102 UTC-UNTB0102 Datasheet
327Kb / 16P
DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
UNTB0102L-S08-R UTC-UNTB0102L-S08-R Datasheet
327Kb / 16P
DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
More results


Similar Description - UNTS0304

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0304E NXP-NTS0304E Datasheet
680Kb / 26P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1-01 February 2019
NTS0304E NXP-NTS0304E_V01 Datasheet
456Kb / 27P
4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1.1-13 April 2021
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com