Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet (PDF) - Unisonic Technologies

UNTB0102L-S08-R Datasheet PDF - Unisonic Technologies
Part # UNTB0102L-S08-R
Download  UNTB0102L-S08-R Download
File Size   327.48 Kbytes
Page   16 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE

UNTB0102L-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UNTB0102L-S08-R Datasheet PDF - Unisonic Technologies

Part # UNTB0102L-S08-R
Download  UNTB0102L-S08-R Click to download

File Size   327.48 Kbytes
Page   16 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE

UNTB0102L-S08-R Datasheet (HTML) - Unisonic Technologies


UNTB0102L-S08-R Product details

 DESCRIPTION
The UNTB0102 is a 2-bit, dual supply translating transceiver
with auto direction sensing, that enables bidirectional voltage level
translation. It features two 2-bit input-output ports (An and Bn), one
output enable input (OE) and two supply pins (VCCA and VCCB).
VCCA can be supplied at any voltage between 1.2V and 3.6V and
VCCB can be supplied at any voltage between 1.65V and 5.5V,
making the device suitable for translating between any of the low
voltage nodes (1.2V, 1.5V, 1.8V, 2.5V, 3.3V and 5.0V).
Pins An and OE are referenced to VCCA and pins Bn are
referenced to VCCB. A LOW level at pin OE causes the outputs to
assume a high-impedance OFF-state. This device is fully specified
for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current
through the device when it is powered down.

 FEATURES
* 1.2V to 3.6V on A Port and 1.65V to 5.5V on B Port
* IOFF circuitry provides partial Power-down mode operation
* Inputs accept voltages up to 5.5V

 APPLICATION
* Handset
* Smartphone
* Tablet
* Desktop PC




Similar Part No. - UNTB0102L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UNTS0304 UTC-UNTS0304 Datasheet
332Kb / 14P
4-BIT DUAL SUPPLY TRANSLATING TRANSCEIVER; OPEN DRAIN; AUTO DIRECTION SENSING
More results


Similar Description - UNTB0102L-S08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com