Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UNTB0102L-S08-R Datasheet HTML 1Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 2Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 3Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UNTB0102
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 16
www.unisonic.com.tw
QW-R140-031.a
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
High-Level Output Voltage
A Port
VOH
VCCA=1.2V, IOH=-20μA
1.1
V
VCCA=1.4V~3.6V, IOH=-20μA
VCCO
-0.4
V
B Port
VCCB=1.65V~5.5V, IOH=-20μA
VCCO
-0.4
V
Low-Level Output Voltage
A Port
VOL
VCCA=1.2V, IOL=20μA
0.09
V
VCCA=1.4V~3.6V, IOL=20μA
0.4
V
B Port
VCCB=1.65V~5.5V, IOL=20μA
0.4
V
Input Leakage Current
OE
II(LEAK)
VIN=VCCI or GND,
VCCA=1.2V~3.6V,
VCCB=1.65V~5.5V
±5
μA
Power OFF Leakage Current
A Port
IOFF
VIN or VOUT=0~3.6V, VCCA=0V,
VCCB=0V~5.5V
±10
μA
B Port
VIN or VOUT=0~5.5V,
VCCA=0V~3.6V, VCCB=0V
±10
μA
High-Impedance State
Output Current
A or B Port
IOZ
VCCA=1.2V~3.6V,
VCCB=1.65V~5.5V, OE=GND
±10
μA
Quiescent Supply Current
ICCA
VIN=0V or VCCI,
IOUT=0A
VCCA=1.2V
VCCB=1.65V~5.5V
0.05
μA
VCCA=1.4V~3.6V
VCCB=1.65V~5.5V
OE=LOW
15
μA
VCCA=1.4V~3.6V
VCCB=1.65V~5.5V
OE=HIGH
20
μA
VCCA=3.6V
VCCB=0V
OE=HIGH
15
μA
VCCA=0V
VCCB=5.5V
OE=HIGH
-15
μA
ICCB
VCCA=1.2V
VCCB=1.65V~5.5V
3.3
μA
VCCA=1.4V~3.6V
VCCB=1.65V~5.5V
OE=LOW
15
μA
VCCA=1.4V~3.6V
VCCB=1.65V~5.5V
OE=HIGH
20
μA
VCCA=3.6V
VCCB=0V
OE=HIGH
-15
μA
VCCA=0V
VCCB=5.5V
OE=HIGH
15
μA
ICCA+ICCB
VCCA=1.2V
VCCB=1.65V~5.5V
3.3
μA
VCCA=1.4V~3.6V
VCCB=1.65V~5.5V
40
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com