Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UNTB0102L-S08-R Datasheet HTML 1Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 2Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 3Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
UNTB0102
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 16
www.unisonic.com.tw
QW-R140-031.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
I/O
DESCRIPTION
1
B2
I/O
Input/output B2. Referenced to VCCB
2
GND
Ground
3
VCCA
A-Port supply voltage 1.2V ≤ VCCA ≤ 3.6V and VCCA ≤ VCCB.
4
A2
I/O
Input/output A2. Referenced to VCCA
5
A1
I/O
Input/output A1. Referenced to VCCA
6
OE
I
3-state output-mode enable. Pull OE low to place all outputs in 3-state
mode. Referenced to VCCA
7
VCCB
B-Port supply voltage 1.65V ≤ VCCB ≤ 5.5V
8
B1
I/O
Input/output B1. Referenced to VCCB
Note: I=Input, O=Output, I/O=Input and Output.
FUNCTION TABLE
SUPPLY VOLTAGE
INPUTS
INPUTS/OUTPUT
VCCA
VCCB
OE
An
Bn
1.2V ~ VCCB
1.65V ~ 5.5V
L
Z
Z
1.2V ~ VCCB
1.65V ~ 5.5V
H
Input or Output
Output or Input
GND (Note 2)
GND (Note 2)
X
Z
Z
Notes: 1. H = High voltage level;L = Low voltage level;Z : High impedance OFF-state;X = Don’t care.
2. When either VCCA or VCCB is at GND level, the device goes into Power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com