Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UNTB0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 10Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 11Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UNTB0102
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 16
www.unisonic.com.tw
QW-R140-031.a
SWITCHING CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Transition Time
A Port
tt
VCCA=1.2V
VCCB=1.8V
4.0
ns
VCCB=2.5V
4.0
ns
VCCB=3.3V
4.1
ns
VCCB=5V
4.1
ns
VCCA=1.5V±0.1V
VCCB=1.8V±0.15V
0.9
5.1
ns
VCCB=2.5V±0.2V
0.9
5.1
ns
VCCB=3.3V±0.3V
0.9
5.1
ns
VCCB=5V±0.5V
0.9
5.1
ns
VCCA=1.8V±0.15V
VCCB=1.8V±0.15V
0.8
4.1
ns
VCCB=2.5V±0.2V
0.8
4.1
ns
VCCB=3.3V±0.3V
0.8
4.1
ns
VCCB=5V±0.5V
0.8
4.1
ns
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
0.7
3.0
ns
VCCB=3.3V±0.3V
0.7
3.0
ns
VCCB=5V±0.5V
0.7
3.0
ns
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
0.7
4.5
ns
VCCB=5V±0.5V
0.7
4.5
ns
Transition Time
B Port
VCCA=1.2V
VCCB=1.8V
2.6
ns
VCCB=2.5V
2.0
ns
VCCB=3.3V
1.7
ns
VCCB=5V
1.4
ns
VCCA=1.5V±0.1V
VCCB=1.8V±0.15V
0.9
4.7
ns
VCCB=2.5V±0.2V
0.6
3.2
ns
VCCB=3.3V±0.3V
0.5
2.5
ns
VCCB=5V±0.5V
0.4
2.7
ns
VCCA=1.8V±0.15V
VCCB=1.8V±0.15V
0.9
4.7
ns
VCCB=2.5V±0.2V
0.6
3.2
ns
VCCB=3.3V±0.3V
0.5
2.5
ns
VCCB=5V±0.5V
0.4
2.7
ns
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
0.7
3.2
ns
VCCB=3.3V±0.3V
0.5
2.5
ns
VCCB=5V±0.5V
0.4
2.7
ns
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
0.5
4.1
ns
VCCB=5V±0.5V
0.4
4.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com