Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UNTB0102L-S08-R Datasheet HTML 1Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 2Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 3Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UNTB0102
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 16
www.unisonic.com.tw
QW-R140-031.a
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCCA
-0.5 ~ 6.5
V
Supply Voltage
VCCB
-0.5 ~ 6.5
V
Input Voltage
VIN
-0.5 ~ 6.5
V
Output Voltage
Active mode
VOUT
-0.5 ~ VCCO+0.5
V
Power-down or
3-state mode
-0.5 ~ 6.5
V
Input Clamp Current
VIN<0V
IIK
-50
mA
Output Clamp Current
VOUT<0V
IOK
-50
mA
Continuous Output Current
VOUT=0~VCCO
IOUT
±50
mA
Supply Current
ICCA or ICCB
ICC / IGND
±100
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The value of VCCA and VCCB are provided in the recommended operating conditions table.
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage A
VCCA
1.2
3.6
V
Supply Voltage B
VCCB
1.65
5.5
V
Input Voltage
VIN
0
VCCI
V
Output Voltage
A Port
VOUT
Power-down or 3-state mode,
VCCA=1.2V~3.6V,
VCCB=1.65V~5.5V
0
3.6
V
B Port
0
5.5
V
High-Level Input Voltage
A or B Port
and OE input
VIH
VCCA=1.2V~3.6V,
VCCB=1.65V~5.5V
VCCI
×0.65
VCCI
V
Low-Level Input Voltage
A or B Port
and OE input
VIL
VCCA=1.2V~3.6V,
VCCB=1.65V~5.5V
0
VCCI
×0.35
V
Input Transition Rise or Fall Rate
∆t/∆v
VCCA=1.2V~3.6V,
VCCB=1.65V~5.5V
40
ns/V
Operating Temperature
TA
-40
+125
°C
Notes: 1. The A and B sides of an unused data I/O pair must be held in the same state, that is, both at VCCI or both at
GND.
2. VCCA must be less than or equal to VCCB and must not exceed 3.6V.
3. VCCI is the supply voltage associated with the input port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com