Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UNTB0102L-S08-R Datasheet HTML 3Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 10Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
UNTB0102
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 16
www.unisonic.com.tw
QW-R140-031.a
SWITCHING CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Enable Time
From Input (OE) to Output (A or B)
ten
VCCA=1.2V
VCCB=1.8V
0.5
μs
VCCB=2.5V
0.5
μs
VCCB=3.3V
0.5
μs
VCCB=5V
0.5
μs
VCCA=1.5V±0.1V
VCCB=1.8V±0.15V
1.0
μs
VCCB=2.5V±0.2V
1.0
μs
VCCB=3.3V±0.3V
1.0
μs
VCCB=5V±0.5V
1.0
μs
VCCA=1.8V±0.15V
VCCB=1.8V±0.15V
1.0
μs
VCCB=2.5V±0.2V
1.0
μs
VCCB=3.3V±0.3V
1.0
μs
VCCB=5V±0.5V
1.0
μs
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
1.0
μs
VCCB=3.3V±0.3V
1.0
μs
VCCB=5V±0.5V
1.0
μs
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
1.0
μs
VCCB=5V±0.5V
1.0
μs
Disable Time
From Input (OE) to Output (A)
tdis
VCCA=1.2V
VCCB=1.8V
81
ns
VCCB=2.5V
69
ns
VCCB=3.3V
83
ns
VCCB=5V
68
ns
VCCA=1.5V±0.1V
VCCB=1.8V±0.15V
320
ns
VCCB=2.5V±0.2V
260
ns
VCCB=3.3V±0.3V
260
ns
VCCB=5V±0.5V
280
ns
VCCA=1.8V±0.15V
VCCB=1.8V±0.15V
260
ns
VCCB=2.5V±0.2V
230
ns
VCCB=3.3V±0.3V
230
ns
VCCB=5V±0.5V
230
ns
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
200
ns
VCCB=3.3V±0.3V
200
ns
VCCB=5V±0.5V
200
ns
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
280
ns
VCCB=5V±0.5V
280
ns
Disable Time
From Input (OE) to Output (B)
VCCA=1.2V
VCCB=1.8V
81
ns
VCCB=2.5V
69
ns
VCCB=3.3V
83
ns
VCCB=5V
68
ns
VCCA=1.5V±0.1V
VCCB=1.8V±0.15V
200
ns
VCCB=2.5V±0.2V
200
ns
VCCB=3.3V±0.3V
200
ns
VCCB=5V±0.5V
200
ns
VCCA=1.8V±0.15V
VCCB=1.8V±0.15V
200
ns
VCCB=2.5V±0.2V
200
ns
VCCB=3.3V±0.3V
200
ns
VCCB=5V±0.5V
200
ns
VCCA=2.5V±0.2V
VCCB=2.5V±0.2V
200
ns
VCCB=3.3V±0.3V
200
ns
VCCB=5V±0.5V
200
ns
VCCA=3.3V±0.3V
VCCB=3.3V±0.3V
220
ns
VCCB=5V±0.5V
220
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com