Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UNTB0102L-S08-R Datasheet HTML 1Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 2Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 3Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UNTB0102
Advance
CMOS IC
www.unisonic.com.tw
1 of 16
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R140-031.a
DUAL SUPPLY TRANSLATING
RANSCEIVER; AUTO
DIRECTION SENSING;
3-STATE
DESCRIPTION
The UNTB0102 is a 2-bit, dual supply translating transceiver
with auto direction sensing, that enables bidirectional voltage level
translation. It features two 2-bit input-output ports (An and Bn), one
output enable input (OE) and two supply pins (VCCA and VCCB).
VCCA can be supplied at any voltage between 1.2V and 3.6V and
VCCB can be supplied at any voltage between 1.65V and 5.5V,
making the device suitable for translating between any of the low
voltage nodes (1.2V, 1.5V, 1.8V, 2.5V, 3.3V and 5.0V).
Pins An and OE are referenced to VCCA and pins Bn are
referenced to VCCB. A LOW level at pin OE causes the outputs to
assume a high-impedance OFF-state. This device is fully specified
for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current
through the device when it is powered down.
FEATURES
* 1.2V to 3.6V on A Port and 1.65V to 5.5V on B Port
* IOFF circuitry provides partial Power-down mode operation
* Inputs accept voltages up to 5.5V
APPLICATION
* Handset
* Smartphone
* Tablet
* Desktop PC
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UNTB0102L-S08-R
UNTB0102G-S08-R
SOP-8
Tape Reel


Similar Part No. - UNTB0102L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UNTS0304 UTC-UNTS0304 Datasheet
332Kb / 14P
4-BIT DUAL SUPPLY TRANSLATING TRANSCEIVER; OPEN DRAIN; AUTO DIRECTION SENSING
More results

Similar Description - UNTB0102L-S08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com