Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNTB0102L-S08-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 10Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 11Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 12Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 13Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 14Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 15Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
UNTB0102
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 16
www.unisonic.com.tw
QW-R140-031.a
TEST CIRCUIT AND WAVEFORMS
Notes: RL=Load resistance.
CL=Load capacitance including jig and probe capacitance.
VEXT=External voltage for measuring switching times.
Table 1. Measurement Points
Supply Voltage
Input
Output
VCC
VM
VM
VX
VY
1.2V
0.5×VCCI
0.5×VCCO
VOL+0.1V
VOH-0.1V
1.5V±0.1V
0.5×VCCI
0.5×VCCO
VOL+0.1V
VOH-0.1V
1.8V±0.15V
0.5×VCCI
0.5×VCCO
VOL+0.15V
VOH-0.15V
2.5V±0.2V
0.5×VCCI
0.5×VCCO
VOL+0.15V
VOH-0.15V
3.3V±0.3V
0.5×VCCI
0.5×VCCO
VOL+0.3V
VOH-0.3V
5V±0.5V
0.5×VCCI
0.5×VCCO
VOL+0.3V
VOH-0.3V
Table 2. Test Data
Supply Voltage
Input
Load
VEXT
VCCA
VCCB
VI
∆t/∆v
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.2V~3.6V
1.65V~5.5V
VCCI
≤1.0 ns/V
15pF
50kΩ,
1MΩ
Open
Open
2×VCCO
Notes: 1. VCCI is the supply voltage associated with the input.
2. For measuring data rate, pulse width, propagation delay and output rise and fall measurements, RL=1MΩ;
for measuring enable and disable times, RL=50kΩ.
3. VCCO is the supply voltage associated with the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com