Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3N06-Q Datasheet (PDF) - Unisonic Technologies

UT3N06-Q Datasheet PDF - Unisonic Technologies
Part # UT3N06-Q
Download  UT3N06-Q Download
File Size   231.09 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3.0A, 60V N-CHANNEL POWER

UT3N06-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
UT3N06-Q Datasheet PDF - Unisonic Technologies

Part # UT3N06-Q
Download  UT3N06-Q Click to download

File Size   231.09 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3.0A, 60V N-CHANNEL POWER

UT3N06-Q Datasheet (HTML) - Unisonic Technologies


UT3N06-Q Product details

 DESCRIPTION
The UTC UT3N06 is an N-channel power MOSFET providing
very low on-resistance. It has high efficiency and perfect
cost-effectiveness. It can be generally applied in the commercial
and industrial fields.

 FEATURES
* RDS(ON) ≤ 110 mΩ @ VGS=10V, ID=3.0A
RDS(ON) ≤ 150 mΩ @ VGS=4.5V, ID=2.0A
* Simple drive requirement




Similar Part No. - UT3N06-Q

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3N06 UTC-UT3N06 Datasheet
140Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06 UTC-UT3N06 Datasheet
163Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AB3-R UTC-UT3N06G-AB3-R Datasheet
241Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AE3-R UTC-UT3N06G-AE3-R Datasheet
163Kb / 3P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT3N06G-AE3-R UTC-UT3N06G-AE3-R Datasheet
241Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - UT3N06-Q

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB507 MOSPEC-2SB507 Datasheet
112Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com