Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESDL3V3B23P1Q0 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TESDL3V3B23P1Q0 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TESDL3V3B23P1Q0
Download  TESDL3V3B23P1Q0 Download
File Size   412.27 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Bi-directional ESD Protection Diode

TESDL3V3B23P1Q0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TESDL3V3B23P1Q0 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TESDL3V3B23P1Q0
Download  TESDL3V3B23P1Q0 Click to download

File Size   412.27 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Bi-directional ESD Protection Diode

TESDL3V3B23P1Q0 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TESDL3V3B23P1Q0 Product details

DESCRIPTIONS
The TESDL3V3B23P1Q0 is Bidirectional ESD rated
clamping cell to protect power interfaces, or one
control line, or one low speed data line in an electronic
system. It has been specifically designed to protect
sensitive electronic components which are connected
to power and control lines from over-voltage damage
by Electrostatic Discharging (ESD), and Lightning.
TESDL3V3B23P1Q0 is a unique design which
includes proprietary clamping cells in a small package.
During transient conditions, the proprietary clamping
cells prevent over-voltage on the control/data/power
lines, protecting any downstream components.
The TESDL3V3B23P1Q0 may be used to provide
ESD protection up to ±30kV (contact and air
discharge) according to IEC61000-4-2, and withstand
peak pulse current up to 8.2A (8/20μs) according to
IEC61000-4-5.

FEATURES
● ESD protect for 1 line with bidirectional.
● Provide ESD protection for each channel to
IEC61000-4-2 (ESD) ±30kV (air), ±30kV(contact)
IEC61000-4-5 (Lightning) 8.2A (8/20μs)
● Suitable for 3.3V and below, operating voltage
applications
● Ultra small package saves board space.
● Protect one I/O line or one power line.
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-Free

APPLICATION
● Computers and peripherals
● Control Signal Lines Protection
● Power lines on PCB Protection
● Serial and Parallel Ports Protection




Similar Part No. - TESDL3V3B23P1Q0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TESDL36V TSC-TESDL36V Datasheet
81Kb / 2P
SMD ESD Protection Diode
More results


Similar Description - TESDL3V3B23P1Q0

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
Bi-directional ESD Protection Diode
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
Bi-directional ESD Protection Diode
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
Bi-directional ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com