Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5168 Datasheet (PDF) - Richtek Technology Corporation

RT5168 Datasheet PDF - Richtek Technology Corporation
Part # RT5168
Download  RT5168 Download
File Size   1832.93 Kbytes
Page   98 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description SSD Power Management Total Solution

RT5168 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5168 Datasheet PDF - Richtek Technology Corporation

Part # RT5168
Download  RT5168 Click to download

File Size   1832.93 Kbytes
Page   98 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description SSD Power Management Total Solution

RT5168 Datasheet (HTML) - Richtek Technology Corporation


RT5168 Product details

General Description
The RT5168 is an integrated solution for SSD power
management IC. This device provides 5 single Buck
voltage regulators (Rail1 to Rail5) and 1 LDO. Among
the 5 voltage regulators, the Rail1, Rail2, Rail3 and
Rail4 can operate either in single phase mode or dual
phase mode. A complete protection mechanism is
also embedded for safe power distribution and the
corresponding fault events can be recorded by the
registers. The RT5168 is available in a UQFN40L.5x5-FC package. The recommended junction
temperature is 0°C to 125°C, and the ambient
temperature is 0°C to 85°C.

Features
 Wide Input Supply Range: 4V to 16V
 High efficiency for each Buck Converter
 Configurable Outputs
 ±1% Feedback Voltage Accuracy
 DVID Change for all Bucks via I2C Interface
 Adjustable Enable Time and Soft-start Time
for all VRs.
 Selectable Switching Frequency for Each Buck
Rail
 Smart Protection Unit Provides Best Protection
Shutdown Sequence Control
 Dual-Phase DEM Operation Implements Good
Light Load Efficiency and Good Transient
Response
 11 Bits ADC Reporting for VIN and IIN
 Non-Volatile Register Configurability
 I
2C Interface 400kHz/1MHz
 Control and Command Unit
 Power Indication (RST_L) and Interrupt
Indication (GEN_INT_L)
 Power Disable Mode
 External Regulator Enable and Power Good
Monitoring
 IIN_LIM for OverCurrent Indicator

Applications
 SSD




Similar Part No. - RT5168

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5133 RICHTEK-RT5133 Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
February 2021
RT5133A RICHTEK-RT5133A Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
March 2022
RT5133AWSC RICHTEK-RT5133AWSC Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
March 2022
RT5133WSC RICHTEK-RT5133WSC Datasheet
2Mb / 41P
Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
February 2021
More results


Similar Description - RT5168

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603 Datasheet
4Mb / 26P
Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
Total Power Solution for Portable Applications
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
Power Management IC for SSD
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
Power Management Unit Total Power Solution for SSD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com