Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5752 Datasheet (PDF) - Richtek Technology Corporation

RT5752 Datasheet PDF - Richtek Technology Corporation
Part # RT5752
Download  RT5752 Download
File Size   800.33 Kbytes
Page   32 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2

RT5752 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5752 Datasheet PDF - Richtek Technology Corporation

Part # RT5752
Download  RT5752 Click to download

File Size   800.33 Kbytes
Page   32 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2

RT5752 Datasheet (HTML) - Richtek Technology Corporation


RT5752 Product details

General Description
The RT5752 is a simple, easy-to-use, 2A synchronous
step-down DC-DC converter with an input supply voltage
range from 2.5V to 6V. The device builds in an accurate
0.6V reference voltage and integrates low RDS(ON) power
MOSFETs to achieve high efficiency in TSOT-23-5,
TSOT-23-6 and WDFN-6L 2x2 packages.
The RT5752 adopts Advanced Constant On-Time (ACOT®)
control architecture to provide an ultrafast transient
response with few external components and to operate in
nearly constant switching frequency over the line, load,
and output voltage range. The RT5752A operates in
automatic PSM that maintains high efficiency during light
load operation. The RT5752B operates in Forced PWM
that helps to meet tight voltage regulation accuracy
requirements.
The RT5752 senses both FETs current for a robust overcurrent protection. The device features cycle-by-cycle
current limit protection which prevents the device from
the catastrophic damage in output short circuit, over current
or inductor saturation. A built-in soft-start function prevents
inrush current during start-up. The device also includes
input under-voltage lockout, output under-voltage
protection, over-voltage protection (RT5752AL/BL) and
over-temperature protection to provide safe and smooth
operation in all operating conditions.

Features
 Input Voltage Range from 2.5V to 6V
 Integrated 100mΩ and 70mΩ FETs
 100% Duty Cycle for Lowest Dropout
 Internal Reference Voltage with 1% Accuracy
 1.2MHz Typical Switching Frequency
 Power Saving Mode for Light Loads (RT5752A)
 Advanced Constant On-Time (ACOT® ) Control
 Internal Soft Startup (1.5ms)
 Enable Control Input
 Power Good Indicator
 Negative Over-Current Protection (RT5752B)
 Fully Protection with UVLO, OVP, UVP, Cycle-byCycle Current Limit and OTP
 RoHS Compliant and Halogen Free

Applications
 Mobile Phones and Handheld Devices
 STB, Cable Modem, and xDSL Platforms
 WLAN ASIC Power / Storage (SSD and HDD)
 General Purpose for POL LV Buck Converters




Similar Part No. - RT5752

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750AHGJ5 RICHTEK-RT5750AHGJ5 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750AHGJ6 RICHTEK-RT5750AHGJ6 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750BHGJ5 RICHTEK-RT5750BHGJ5 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750BHGJ6 RICHTEK-RT5750BHGJ6 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
More results


Similar Description - RT5752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
logo
Monolithic Power System...
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
logo
Monolithic Power System...
MP1471 MPS-MP1471 Datasheet
491Kb / 17P
High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
RT6217A RICHTEK-RT6217A Datasheet
419Kb / 17P
24V, 3A, 500kHz, ACOTTM Step-Down Converter in 8 Pin TSOT-23
January 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com