Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5752 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5752 Datasheet HTML 1Page - Richtek Technology Corporation RT5752 Datasheet HTML 2Page - Richtek Technology Corporation RT5752 Datasheet HTML 3Page - Richtek Technology Corporation RT5752 Datasheet HTML 4Page - Richtek Technology Corporation RT5752 Datasheet HTML 5Page - Richtek Technology Corporation RT5752 Datasheet HTML 6Page - Richtek Technology Corporation RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
RT5752
2
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
(TOP VIEW)
Ordering Information
TSOT-23-5
TSOT-23-6
EN
GND
SW
FB
VIN
4
23
5
EN
GND
SW
FB
PG
VIN
4
23
5
6
PG
EN
FB
GND
SW
VIN
5
4
1
2
3
6
7
WDFN-6L 2X2
Note :
Richtek products are Richtek Green Policy compliant and
compatible with the current requirements of IPC/JEDEC
J-STD-020.
Package Type
J5: TSOT-23-5
J6: TSOT-23-6
QW: WDFN-6L 2x2 (W-Type)
Lead Plating System
G: Richtek Green Policy Compliant
RT5752
UVP Option
H: Hiccup
L: Latched-Off (for TSOT-23-5,
TSOT-23-6 only)
PWM Operation Mode
A: Automatic PSM
B: Forced PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com