Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5752 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation RT5752 Datasheet HTML 10Page - Richtek Technology Corporation RT5752 Datasheet HTML 11Page - Richtek Technology Corporation RT5752 Datasheet HTML 12Page - Richtek Technology Corporation RT5752 Datasheet HTML 13Page - Richtek Technology Corporation RT5752 Datasheet HTML 14Page - Richtek Technology Corporation RT5752 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
RT5752
11
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Thermal Shutdown
Thermal Shutdown Threshold
TSD
--
150
--
C
Thermal Shutdown Hysteresis
TSD
--
20
--
Power Good
Power Good High Threshold
VTH_PGLH
VFB rising, PG goes high
83
90
--
%
Power Good Falling Threshold
VTH_PGHL
VFB falling, PG goes low
78
85
--
%
Power Good Sink Current
Capability
IPG sinks 5mA
--
--
0.4
V
Output Discharge Resistor
Output Discharge Switch
On-Resistor
RDISCHG
VEN = 0V (Protection)
--
100
--
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precautions are recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
For more information about thermal parameter, see the Application and Definition of Thermal Resistances report,
AN061.
Note 5.
θJA(EVB), ψJC(Top) and ψJB are measured on a high effective-thermal-conductivity four-layer test board which is in size of
70mm x 50mm; furthermore, all layers with 1 oz. Cu. Thermal resistance/parameter values may vary depending on the
PCB material, layout, and test environmental conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com