Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5752 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 11Page - Richtek Technology Corporation RT5752 Datasheet HTML 12Page - Richtek Technology Corporation RT5752 Datasheet HTML 13Page - Richtek Technology Corporation RT5752 Datasheet HTML 14Page - Richtek Technology Corporation RT5752 Datasheet HTML 15Page - Richtek Technology Corporation RT5752 Datasheet HTML 16Page - Richtek Technology Corporation RT5752 Datasheet HTML 17Page - Richtek Technology Corporation RT5752 Datasheet HTML 18Page - Richtek Technology Corporation RT5752 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
RT5752
15
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Switching Frequency vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
-50
-25
0
25
50
75
100
125
Temperature (°C)
Current Limit vs. Temperature
3.0
3.2
3.4
3.6
3.8
4.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
High-side MOSFET, VIN = 3.6V
Current Limit vs. Temperature
1.6
1.8
2.0
2.2
2.4
2.6
-50
-25
0
25
50
75
100
125
Temperature (°C)
Low-side MOSFET, VIN = 3.6V
Output Voltage vs. Output Current
1.14
1.16
1.18
1.20
1.22
1.24
1.26
0.001
0.01
0.1
1
10
Output Current (A)
RT5752A, VIN = 5V, VOUT = 1.2V
Output Voltage vs. Output Current
1.14
1.16
1.18
1.20
1.22
1.24
1.26
0.001
0.01
0.1
1
10
Output Current (A)
RT5752B, VIN = 5V, VOUT = 1.2V
Output Voltage vs. Input Voltage
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
2.533.5
44.555.5
6
Input Voltage (V)
VOUT = 1.2V, IOUT = 1.5A, L = 1.5
μH,
COUT = 22
μF, CFF = 22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com