Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8237L Datasheet (PDF) - Richtek Technology Corporation

RT8237L Datasheet PDF - Richtek Technology Corporation
Part # RT8237L
Download  RT8237L Download
File Size   809.56 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller

RT8237L Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8237L Datasheet PDF - Richtek Technology Corporation

Part # RT8237L
Download  RT8237L Click to download

File Size   809.56 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency Single Synchronous Buck PWM Controller

RT8237L Datasheet (HTML) - Richtek Technology Corporation


RT8237L Product details

General Description
The RT8237L PWM controller provides high efficiency,
excellent transient response, and high DC output
accuracy needed for stepping down high voltage
batteries to generate low voltage CPU core, I/O, and
chipset RAM supplies in notebook computers.
The constant on-time PWM control scheme handles
wide input/output voltage ratios with ease and provides
100ns “instant-on” response to load transients while
maintaining a relatively constant switching frequency.
The RT8237L achieves high efficiency at a reduced cost
by eliminating the current sense resistor found in
traditional current mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronous
rectifier MOSFETs and to enter diode emulation mode
at light load condition. The Buck conversion allows this
device to directly step down high voltage batteries at the
highest possible efficiency. The pre-set frequency
selections minimize the effort required for new designs.
The RT8237L is intended for CPU core, chipset, DRAM,
or other low voltage supplies down to 0.7V. The
RT8237L is available in the VQFN-16L 3x3 package.

Features
⚫ Wide Input Voltage Range: 4.5V to 26V
⚫ Output Voltage Range: 0.7V to 3.3V
⚫ Built-in 0.5% 0.7V Reference Voltage
⚫ Quick Load-Step Response within 100ns
⚫ 4700ppm/C Current Source for Current Limit
RDS(ON)
⚫ Adjustable Current Limit with Low-side MOSFET
⚫ 4 Selectable Frequency Settings
⚫ Soft-Start Control
⚫ Drives Large Synchronous-Rectifier FETs
⚫ Integrated Boot Switch
⚫ Built-in OCP/UVP
⚫ Thermal Shutdown
⚫ Power Good Indicator

Applications
⚫ Notebook Computers
⚫ CPU Core Supply
⚫ Chipset/RAM Supply Down to 0.7V
⚫ Generic DC-DC Power Regulator
The recommended junction temperature range is −40C
to 125C and ambient temperature range is −40C to
85C.




Similar Part No. - RT8237L

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8237E RICHTEK-RT8237E Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8237EZQW RICHTEK-RT8237EZQW Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results


Similar Description - RT8237L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
High Efficiency Synchronous Buck PWM Controller
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com