Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758D Datasheet (PDF) - Richtek Technology Corporation

RT9758D Datasheet PDF - Richtek Technology Corporation
Part # RT9758D
Download  RT9758D Download
File Size   1805.83 Kbytes
Page   60 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Voltage Cap Divider Converter with Bypass Function

RT9758D Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9758D Datasheet PDF - Richtek Technology Corporation

Part # RT9758D
Download  RT9758D Click to download

File Size   1805.83 Kbytes
Page   60 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Voltage Cap Divider Converter with Bypass Function

RT9758D Datasheet (HTML) - Richtek Technology Corporation


RT9758D Product details

1 General Description
The RT9758D is a high efficiency switching capacitor
converter for input >7.4V application. The efficiency is
up to 98.1% when VOUT = 10V, IOUT = 2A, switching
frequency = 500kHz, dual phase with VBUS input in cap
divider mode. The device integrates two phase
switching capacitor topology (DIV2 mode), bypass
mode, an input reverse blocking MOS and 9-way
protections. The default operation mode of the device is
DIV2 mode. User can use I2C to select the device
operating in bypass mode or reverse DIV2 mode or
reverse bypass mode. The maximum output current is
6A with DIV2 mode or 5A with bypass mode. In present
mode (̅EN̅̅̅ = H), the host can still issue commands by
the I
2C serial interface.
The recommended junction temperature range is −40C
to 125C, and the ambient temperature range is −40C
to 85C.

2 Applications
⚫ Smart Phones
⚫ Tablet
⚫ PC

5 Features
⚫ Integrated Bidirectional Bypass Mode and Cap
Divider Mode (DIV2 Mode)
⚫ Input Reverse Blocking NFET between WRX_IN
Pin and VBUS Pin
⚫ Block the Reverse Current
⚫ Dual-Phase Charge Pump Core
⚫ 6A Output Current Ability with DIV2 Mode and
5A with Bypass Mode
⚫ Efficiency Up to 98.1% when VOUT = 10V, IOUT
= 2A, Switching Frequency = 500kHz and Dual
Phase with VBUS Input in DIV2 Mode
⚫ 300kHz to 1.5MHz Variable Switching
Frequency Stay Out of Audio Band
⚫ Spread Spectrum Technology for EMI
Reduction
⚫ Adjustable Single-Phase or Dual-Phase for
DIV2 Mode
⚫ Programmable Pre-Charge Current and PreCharge Timing for Charge Soft-Start
⚫ Support Converter Soft-Start with 500mA
Loading
⚫ Support Synchronize Function for Parallel
Application
⚫ Operation Mode Transfer Automatically between
Bypass Mode and DIV2 Mode (AT_Function)
⚫ I
2C is Available when Device in Present Mode
⚫ 3-Error Charge Pump Switch Protection
⚫ VBUS Voltage Too Low Error Protection
before Switch (VBUS_LOW_ERR)
⚫ CFLY Short Error Protection Before Switch
(CFLY_DIAG)
⚫ Converter Overcurrent Protection (CON_OCP)
⚫ 6-Way System Protection
⚫ VBUS Overvoltage Protection (VBUS_OVP)
⚫ IBUS Overcurrent Protection (IBUS_OCP)
⚫ VOUT Overvoltage Protection (VOUT_OVP)
⚫ WRX Reverse Overcurrent Protection
(WRX_IRE_OCP)
⚫ VOUT Short Error Protection Before Charge
(VOUT_ERR)
⚫ Junction Over-Temperature Protection
(TDIE_OTP)




Similar Part No. - RT9758D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9758 RICHTEK-RT9758 Datasheet
1Mb / 61P
High Voltage Smart Cap Divider and Direct Charge Charger
May 2023
RT9758WSC RICHTEK-RT9758WSC Datasheet
1Mb / 61P
High Voltage Smart Cap Divider and Direct Charge Charger
May 2023
More results


Similar Description - RT9758D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
logo
Vishay Siliconix
CDHV2512 VISHAY-CDHV2512 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
logo
Axiomtek Co., Ltd.
AX92801 AXIOMTEK-AX92801 Datasheet
122Kb / 1P
Dual Gigabit ports with LAN bypass function
logo
ON Semiconductor
NCP6868 ONSEMI-NCP6868 Datasheet
592Kb / 28P
2.5 A Boost Regulator with Bypass Function
August, 2015 ??Rev. P4
logo
AAEON Technology
NIM-C13A AAEON-NIM-C13A Datasheet
117Kb / 1P
supports two pairs bypass function
PER-C37L AAEON-PER-C37L Datasheet
118Kb / 1P
supports 2 pairs bypass function
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Active-Semi, Inc
ACT88326VA ACTIVE-SEMI-ACT88326VA Datasheet
4Mb / 41P
Advanced PMU with Bypass Switch, & Pushbutton Function
Rev 1.0, 29-May-2018
logo
Richtek Technology Corp...
RT9758 RICHTEK-RT9758 Datasheet
1Mb / 61P
High Voltage Smart Cap Divider and Direct Charge Charger
May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com