Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9758WSC Datasheet (PDF) - Richtek Technology Corporation

RT9758WSC Datasheet PDF - Richtek Technology Corporation
Part # RT9758WSC
Download  RT9758WSC Download
File Size   1219.07 Kbytes
Page   61 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Voltage Smart Cap Divider and Direct Charge Charger

RT9758WSC Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9758WSC Datasheet PDF - Richtek Technology Corporation

Part # RT9758WSC
Download  RT9758WSC Click to download

File Size   1219.07 Kbytes
Page   61 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Voltage Smart Cap Divider and Direct Charge Charger

RT9758WSC Datasheet (HTML) - Richtek Technology Corporation


RT9758WSC Product details

General Description
The RT9758 is a high efficiency and high charge current
charger for high voltage application. The efficiency is up
to 98.1% when VOUT = 10V, IOUT = 2A, switching
frequency = 500kHz, dual phase with VBUS input in cap
divider mode. The RT9758 maximum charge current is
up to 5A. The device integrates cap divider topology
(DIV2 mode), direct charge topology (Bypass mode), an
input reverse blocking NFET, a dual-phase charge
pump core, the EN pin control and 9-way protection. In
present mode (EN = H), the host can still order the
command by I2C serial interface.

Features
⚫ Integrated Bidirectional Bypass Mode and Cap
Divider Mode (DIV2 Mode)
⚫ Input Reverse Blocking NFET between WRX_IN
Pin and VBUS Pin
 Block the Reverse Current
⚫ Dual-Phase Charge Pump Core
 5A Output Current Capability
 Efficiency Up to 98.1% when VOUT = 10V, IOUT
= 2A, Switching Frequency = 500kHz and Dual
Phase with VBUS Input in DIV2 Mode
 300kHz to 1.5MHz Variable Switching
Frequency Stay Out of Audio Band
 Spread Spectrum Technology for EMI
Reduction
 Adjustable Single-Phase or Dual-Phase for
DIV2 Mode
 Programmable Pre-Charge Current and Pre-
Charge Timing for Charge Soft-Start
 Support Converter Soft-Start with 200mA
Loading
⚫ Support Synchronize Function for Parallel
Application
⚫ Operation Mode Transfer Automatically between
Bypass Mode and DIV2 Mode (AT_Function)
⚫ I2C is Available when Device in Present Mode
⚫ 3-Error Charge Pump Switch Protection
 VBUS Voltage Too Low Error Protection before
Switch (VBUS_LOW_ERR)
 CFLY Short Error Protection Before Switch
(CFLY_DIAG)
 Converter Over-Current Protection (CON_OCP)
⚫ 6-Way System Protection
 VBUS Over-Voltage Protection (VBUS_OVP)
 IBUS Over-Current Protection (IBUS_OCP)
 VOUT Over-Voltage Protection (VOUT_OVP)
 WRX Reverse Over-Current Protection
(WRX_IRE_OCP)
 VOUT Short Error Protection Before Charge
(VOUT_ERR)
 Junction Over-Temperature Protection
(TDIE_OTP)

Applications
⚫ Smart Phones
⚫ Tablet
⚫ PC




Similar Part No. - RT9758WSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9758D RICHTEK-RT9758D Datasheet
1Mb / 60P
High Voltage Cap Divider Converter with Bypass Function
May 2024
More results


Similar Description - RT9758WSC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Vishay Siliconix
CDHV2512 VISHAY-CDHV2512 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
logo
Linear Technology
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
Smart Battery Charger
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
logo
Dialog Semiconductor
DA9318L DIALOG-DA9318L Datasheet
686Kb / 49P
High-Efficiency, 10 A, High-Voltage Direct Charger
logo
Renesas Technology Corp
DA9318L RENESAS-DA9318L Datasheet
747Kb / 52P
High-Efficiency, 10 A, High-Voltage Direct Charger
14-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com