Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS11202 Datasheet (PDF) - Allegro MicroSystems

APS11202 Datasheet PDF - Allegro MicroSystems
Part # APS11202
Download  APS11202 Download
File Size   1767.73 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Chopper-Stabilized, Precision Hall-Effect Switch for Automotive, Consumer, and Industrial Applications

APS11202 Datasheet (PDF)

Go To PDF Page Download Datasheet
APS11202 Datasheet PDF - Allegro MicroSystems

Part # APS11202
Download  APS11202 Click to download

File Size   1767.73 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Chopper-Stabilized, Precision Hall-Effect Switch for Automotive, Consumer, and Industrial Applications

APS11202 Datasheet (HTML) - Allegro MicroSystems


APS11202 Product details

FEATURES AND BENEFITS
Resistant to physical stress
• Superior temperature stability
• Output short-circuit protection
• Operation from unregulated supply
• Reverse battery protection
• Solid-state reliability
• Small package size
• AEC-Q100 automotive qualified
APPLICATIONS
• Industrial motor/encoders
• Commutation/index sensing
• BLDC motors
• Fan motors
• Power tools
• Home applications
• Industrial equipment
DESCRIPTION
The APS11202 Hall-effect switch is an extremely temperaturestable and stress-resistant sensor IC, especially suited for operation
over extended temperature ranges (up to 150°C). Superior hightemperature performance is made possible through dynamic
offset cancellation, which reduces the residual offset voltage
normally caused by device package overmolding, temperature
dependencies, and thermal stress.
The device includes, on a single silicon chip, a voltage regulator,
a Hall voltage generator, a small-signal amplifier, chopper
stabilization, a Schmitt trigger, and a short-circuit protected
open-drain output to sink up to 25 mA. A south polarity magnetic
field of sufficient strength is required to turn the output on. An
onboard regulator permits operation with supply voltages in
the range of 3 to 24 V.
Two package styles provide a magnetically optimized package for
most applications: type LH is a miniature SOT23W low-profile
surface-mount package, and type UA is a three-pin ultramini
SIP for through-hole mounting. Both packages are lead (Pb)
free with 100% matte-tin leadframe plating.




Similar Part No. - APS11202

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APS11200 ALLEGRO-APS11200 Datasheet
1Mb / 14P
High-Temperature Precision Hall-Effect Switch
APS11200LLHALT ALLEGRO-APS11200LLHALT Datasheet
1Mb / 14P
High-Temperature Precision Hall-Effect Switch
APS11200LLHALX ALLEGRO-APS11200LLHALX Datasheet
1Mb / 14P
High-Temperature Precision Hall-Effect Switch
APS11200LUAA ALLEGRO-APS11200LUAA Datasheet
1Mb / 14P
High-Temperature Precision Hall-Effect Switch
APS11205 ALLEGRO-APS11205 Datasheet
473Kb / 13P
High-Temperature Chopper-Stabilized PrecisionHall-Effect Switch for 5 V Applications
More results


Similar Description - APS11202

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3240 ALLEGRO-3240 Datasheet
204Kb / 10P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
Chopper-Stabilized, Precision Hall-Effect Switch
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
Precision Hall-Effect Switch for Consumer and Industrial Applications
APS12202 ALLEGRO-APS12202 Datasheet
2Mb / 12P
Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications
March 15, 2023
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com