Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4130 Datasheet (PDF) - Silicon Supplies

1N4130 Datasheet PDF - Silicon Supplies
Part # 1N4130
Download  1N4130 Download
File Size   296.78 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 0.5W, 250μA IZT , Bare Die Zener Diode

1N4130 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4130 Datasheet PDF - Silicon Supplies

Part # 1N4130
Download  1N4130 Click to download

File Size   296.78 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 0.5W, 250μA IZT , Bare Die Zener Diode

1N4130 Datasheet (HTML) - Silicon Supplies


1N4130 Product details

Features:
 Sharp Reverse Characteristics
 Low Reverse Current Levels
 High Reliability Gold Back Metal
 High Reliability tested grades.




Similar Part No. - 1N4130

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4130 CDI-DIODE-1N4130 Datasheet
98Kb / 2P
LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4130 MICROSEMI-1N4130 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
1N4130 MICROSEMI-1N4130 Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
1N4130 MICROSEMI-1N4130 Datasheet
111Kb / 2P
LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
Jinan Gude Electronic D...
1N4130 JGD-1N4130 Datasheet
181Kb / 2P
500mW LOW NOISE SILION ZENER DIODES
More results


Similar Description - 1N4130

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
BZX55A SS-BZX55A Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A SS-BZX55A_19 Datasheet
367Kb / 3P
0.5W Zener Diode
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
Silicon P lanar Zener diode in bare die form
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
Silicon Planar Zener diode in bare die form ??5% tolerance
1N5221D SS-1N5221D Datasheet
342Kb / 4P
0.5W Zener Diode
1N5221B SS-1N5221B Datasheet
345Kb / 4P
0.5W Zener Diode
1N4617 SS-1N4617 Datasheet
308Kb / 3P
Bare Die Zener Diode
logo
WeEn Semiconductors
WNB098C5APPS12 WEEN-WNB098C5APPS12 Datasheet
252Kb / 7P
Hyperfast power diode - Bare die
WNB138C5APPS12 WEEN-WNB138C5APPS12 Datasheet
251Kb / 7P
Hyperfast power diode - Bare die
WB45SD160AL WEEN-WB45SD160AL Datasheet
502Kb / 7P
Standard diode - Bare die
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com