Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1552 Datasheet (PDF) - NXP Semiconductors

TDA1552 Datasheet PDF - NXP Semiconductors
Part # TDA1552
Download  TDA1552 Download
File Size   83.54 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 22 W BTL stereo car radio power amplifier

TDA1552 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1552 Datasheet PDF - NXP Semiconductors

Part # TDA1552
Download  TDA1552 Click to download

File Size   83.54 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 22 W BTL stereo car radio power amplifier

TDA1552 Datasheet (HTML) - NXP Semiconductors


TDA1552 Product details

GENERAL DESCRIPTION

The TDA1552Q is an integrated class-B output amplifier in a 13-lead single-in-line (SIL) plastic power package. The circuit contains 2 x 22 W amplifiers in Bridge Tied Load (BTL) configuration. The device is primarily developed for car radio applications.



Features

• Requires very few external components

• High output power

• Low offset voltage at outputs

• Fixed gain

• Good ripple rejection

• Mute/stand-by switch

• Load dump protection

• AC and DC short-circuit-safe to ground and VP

• Thermally protected

• Reverse polarity safe

• Capability to handle high energy on outputs (VP= 0 V)

• Protected against electrostatic discharge

• No switch-on/switch-off plop

• Low thermal resistance

• Flexible leads.




Similar Part No. - TDA1552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
More results


Similar Description - TDA1552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com