Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1551Q Datasheet (PDF) - NXP Semiconductors

TDA1551Q Datasheet PDF - NXP Semiconductors
Part # TDA1551Q
Download  TDA1551Q Download
File Size   112.73 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 22 W BTL car radio power amplifier with diagnostic facility

TDA1551Q Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1551Q Datasheet PDF - NXP Semiconductors

Part # TDA1551Q
Download  TDA1551Q Click to download

File Size   112.73 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 22 W BTL car radio power amplifier with diagnostic facility

TDA1551Q Datasheet (HTML) - NXP Semiconductors


TDA1551Q Product details

DESCRIPTION

The TDA1551Q is an integrated class-B output amplifier encased in a 17-lead single-in-line plastic power package. The device contains 4×11 W single-ended (SE) or 2×22 W BTL amplifiers and is intended for use in car radio applications.



FEATURES

• Requires very few external components

• Flexible in use - quad, single ended or stereo BTL

• I2C-bus control

• Dynamic distortion detector

• Thermal protection

• Output status information

• Power supply dip detection

• High output power

• MUTE/sleep mode by writing to I2C-bus

• Stand-by mode

• Fixed gain

• Good ripple rejection

• Load dump protection

• AC/DC short circuit safe to ground and VP

• Reverse polarity safe

• Low offset voltage at output

• Capable of handling high energy at outputs (VP= 0 V)

• Electrostatic discharge protection

• No switch-ON/switch-OFF plop

• Flexible leads

• Low thermal resistance

• Identical inputs (inverting and non-inverting).




Similar Part No. - TDA1551Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results


Similar Description - TDA1551Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Oct-1998
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com