Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7396 Datasheet (PDF) - STMicroelectronics

TDA7396 Datasheet PDF - STMicroelectronics
Part # TDA7396
Download  TDA7396 Download
File Size   137.26 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY

TDA7396 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7396 Datasheet PDF - STMicroelectronics

Part # TDA7396
Download  TDA7396 Click to download

File Size   137.26 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY

TDA7396 Datasheet (HTML) - STMicroelectronics


TDA7396 Product details

DESCRIPTION
The TDA7396 is a BRIDGE class AB audio power amplifier especially intended for car radio High Power applications.
The 2Ω power capability together with the possibility to operate either in DIFFERENTIAL INPUT MODE or SINGLE ENDED INPUT MODE makes it suitable for boosters and high end car radio applications.
The exclusive fully complementary output stage and the internally fixed gain configuration drop the external component count.
The on board clipping detector allows easy imple mentation of gain compression systems.
The diagnostics facility allows to detect any mistakes during car radio set assembly and wiring in the car.

■ HIGH POWER CAPABILITY:
   - 65W/2Ω MAX
   - 60W/2Ω EIAJ
   - 45W/2Ω @ VS = 14.4V, f = 1KHz, d = 10%
■ DIFFERENTIAL INPUTS (EITHER SINGLE ENDED OR DIFFERENTIAL INPUT SIGNALS ARE ACCEPTED)
■ MINIMUM EXTERNAL COMPONENT COUNT:
   - NO BOOTSTRAP CAPACITORS
   - NO BOUCHEROT CELLS
   - INTERNALLY FIXED GAIN (26dB)
   - NO SVR CAPACITOR
■ ST.-BY FUNCTION (CMOS COMPATIBLE)
■ AUTOMATIC MUTE DURING TURN-ON/OFF
■ AUTOMUTE AT MINIMUM SUPPLY VOLTAGE DETECTION
■ SYNCHRONIZING PIN FOR SIMULTANEOUS TURN-ON IN MULTI-DEVICE APPLICATIONS
■ NO AUDIBLE POP DURING MUTE AND ST BY OPERATIONS

Diagnostic Facilities:
■ CLIPPING DETECTOR
■ SHORT CIRCUIT
■ OPEN LOAD
■ THERMAL SHUTDOWN

PROTECTIONS:
■ SHORT CIRCUIT (TO GND, TO VS, ACROSS THE LOAD)
■ VERY INDUCTIVE LOADS
■ CHIP OVER-TEMPERATURE
■ LOAD DUMP
■ OPEN GND
■ ESD




Similar Part No. - TDA7396

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
285Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Sep-2013
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
284Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Rev 4
TDA7396 STMICROELECTRONICS-TDA7396_V01 Datasheet
284Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Rev 4
More results


Similar Description - TDA7396

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Nov-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
E-TDA7396 STMICROELECTRONICS-E-TDA7396 Datasheet
285Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com