Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7396 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7396
Description  45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7396 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7396 Datasheet HTML 1Page - STMicroelectronics TDA7396 Datasheet HTML 2Page - STMicroelectronics TDA7396 Datasheet HTML 3Page - STMicroelectronics TDA7396 Datasheet HTML 4Page - STMicroelectronics TDA7396 Datasheet HTML 5Page - STMicroelectronics TDA7396 Datasheet HTML 6Page - STMicroelectronics TDA7396 Datasheet HTML 7Page - STMicroelectronics TDA7396 Datasheet HTML 8Page - STMicroelectronics TDA7396 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TDA7396
45W/2
Ω BRIDGE CAR RADIO AMPLIFIER
WITH DIAGNOSTIC FACILITY
HIGH POWER CAPABILITY:
- 65W/2
Ω MAX
- 60W/2
Ω EIAJ
- 45W/2
Ω @VS = 14.4V, f = 1KHz, d = 10%
DIFFERENTIAL INPUTS (EITHER SINGLE
ENDED OR DIFFERENTIAL INPUT SIGNALS
ARE ACCEPTED)
MINIMUM EXTERNAL COMPONENT COUNT:
- NO BOOTSTRAP CAPACITORS
- NO BOUCHEROT CELLS
- INTERNALLY FIXED GAIN (26dB)
- NO SVR CAPACITOR
ST.-BY FUNCTION (CMOS COMPATIBLE)
AUTOMATIC MUTE DURING TURN-ON/OFF
AUTOMUTE AT MINIMUM SUPPLY
VOLTAGE DETECTION
SYNCHRONIZING PIN FOR SIMULTANEOUS
TURN-ON IN MULTI-DEVICE APPLICATIONS
NO AUDIBLE POP DURING MUTE AND ST-
BY OPERATIONS
Diagnostic Facilities:
CLIPPING DETECTOR
SHORT CIRCUIT
OPEN LOAD
THERMAL SHUTDOWN
PROTECTIONS:
SHORT CIRCUIT (TO GND, TO VS, ACROSS
THE LOAD)
VERY INDUCTIVE LOADS
CHIP OVER-TEMPERATURE
LOAD DUMP
OPEN GND
ESD
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
October 1998
®
1
2
11
IN-
0.22
µF
0.22
µF
IN+
8
STANDBY
TO
µCor VS
10
6
OUT+
OUT-
7
5
4
Vref
CD-DIA
TDA7396
D93AU004
10K
Ω
1000
µF
GND
RS
51K
Ω
CM
10
µF
100nF
39
TO
µC
+VS
Figure 1: Test And Application Circuit
Multiwatt11
ORDERING NUMBER: TDA7396
1/11


Similar Part No. - TDA7396

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
285Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Sep-2013
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
284Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Rev 4
TDA7396 STMICROELECTRONICS-TDA7396_V01 Datasheet
284Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Rev 4
More results

Similar Description - TDA7396

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Nov-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
E-TDA7396 STMICROELECTRONICS-E-TDA7396 Datasheet
285Kb / 11P
45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com