Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM50-6R8MLF Datasheet (PDF) - Bi technologies

HM50-6R8MLF Datasheet PDF - Bi technologies
Part # HM50-6R8MLF
Download  HM50-6R8MLF Download
File Size   253.09 Kbytes
Page   1 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Axially Leaded Miniature Power Inductors

HM50-6R8MLF Datasheet (PDF)

Go To PDF Page Download Datasheet
HM50-6R8MLF Datasheet PDF - Bi technologies

Part # HM50-6R8MLF
Download  HM50-6R8MLF Click to download

File Size   253.09 Kbytes
Page   1 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Axially Leaded Miniature Power Inductors

HM50-6R8MLF Datasheet (HTML) - Bi technologies


HM50-6R8MLF Product details

Axially Leaded Miniature Power Inductors

• Inductance Range 3.9µH to 18,000µH
• Standard Tolerance ±10%
• Operating Temperature Range -55°C to +105°C




Similar Part No. - HM50-6R8MLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM50-6R8KLF BITECH-HM50-6R8KLF Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM50-6R8KLF TTELEC-HM50-6R8KLF Datasheet
593Kb / 1P
Axially Leaded Miniature Power Inductors
More results


Similar Description - HM50-6R8MLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM51 BITECH-HM51 Datasheet
257Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
Self Leaded Power Inductors
logo
Tyco Electronics
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
logo
Bi technologies
HM51 BITECH-HM51_15 Datasheet
382Kb / 1P
Axially Leaded Miniature Power Inductors
HM50 BITECH-HM50_15 Datasheet
363Kb / 1P
Axially Leaded Miniature Power Inductors
logo
Golledge Electronics Lt...
UM-5 GOLLEDGE-UM-5 Datasheet
540Kb / 6P
Miniature Leaded Crystal
logo
TT Electronics.
HM50 TTELEC-HM50 Datasheet
593Kb / 1P
Axially Leaded Miniature Power Inductors
HM51 TTELEC-HM51 Datasheet
638Kb / 1P
Axially Leaded Miniature Power Inductors
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com