Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPRS Datasheet (PDF) - List of Unclassifed Manufacturers

GPRS Datasheet PDF - List of Unclassifed Manufacturers
Part # GPRS
Download  GPRS Download
File Size   343.84 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH PERFORMANCE GPRS SERVER APPLICATION/DEVICE

GPRS Datasheet (PDF)

Go To PDF Page Download Datasheet
GPRS Datasheet PDF - List of Unclassifed Manufacturers

Part # GPRS
Download  GPRS Click to download

File Size   343.84 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH PERFORMANCE GPRS SERVER APPLICATION/DEVICE

GPRS Datasheet (HTML) - List of Unclassifed Manufacturers


GPRS Product details

Features and Specifications
> High Performance ARM9 32-bit processor
> Serial Interface
• Modes: Software selectable RS-232/422/485
• Software selectable RS-485 termination
• Standard and customizable serial data rates from 300 to
921 Kbps
• Characters: 7 or 8 data bits
• Parity: Odd, Even, None
• Stop Bits: 1 or 2
• Modem Control Signals: CTS, RTS, DTR/DCD
• Flow Control: XON/XOFF (software), CTS/RTS (hardware)
> Serial Connector
• 2 x DB9M (DTE)
• Per port: 15 KV ESD Protection
> USB Interface
• USB Mass Storage Device Support
> USB Connectors
• 2 x USB Type A Host Connectors
• USB 2.0
> I/O Interface
Input:
• Connection: Sensors/Events
• Voltage acceptance: 0 to 30 VDC
• Digital input event: User Configurable Action
• Optical/Magnetic/Capacitive Isolation: 1.5 KV
Output:
• Software: Turn Relay Output ON and OFF
• Automatic Event Trigger: ON or OFF (Possible events
include loss of Ethernet link, loss of cellular link, digital
input event)
• Relay Output Response: User Configurable
• Support 1A @24 V
> I/O Connectors
• 2 x Digital Input
• 1 x Relay Out
> Network Features
Ethernet
• 10BaseT and 100Base-TX Link (auto sensing full and half
duplex support)
• RJ-45 Connector with LEDs (indicating mode of operation
and activity)
• 1.5 KV Surge Isolation
GSM/GPRS
• Quad-band: 850/900/1800/1900 MHz
• Multislot Class 12 (MS-12)
• Transfer Rates - Up to 85.6 Kbps (downlink), Up to 42.8 Kbps
(uplink)
• SMS: Send and Receive
• Outbound SMS: Up to 5 Numbers
• Inbound SMS: Control Relay Status
• 1 x SIM Slot (under screwed down cover plate)
• Antenna: 2dBi, 50 Ohm, SMA Connector
> LED Indicators
• Mobile Wireless Mode, Signal Strength, Serial RX/TX,
USB Connection, Power
> Security
• SSL v3, SSH v2 Client & Server, Supports up to 1024-bit
certificates
• Encryption: AES, 3DES, RC4
• Authentication: SHA-1, MD5, Base-64 User Access Lists
> Software
• PremierWave XC Application Suite
• Windows 98/NT/2000/XP/Vista/7-based DeviceInstaller
> Management
• Web Browser (SSL option for secure login)
• CLI (over Serial Ports, Telnet or SSH)
• XML Configuration Records via CLI or FTP
• Supports SNMP version V3




Similar Part No. - GPRS

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
GPRS EUDYNA-GPRS Datasheet
176Kb / 5P
Quad-band Antenna Switch Module
logo
SHENZHEN KYL COMMUNICAT...
GPRS KYL-GPRS Datasheet
168Kb / 15P
Tracker
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
Embedded GPRS Modem
logo
Generalplus Technology ...
GPRS512C GENERALPLUS-GPRS512C Datasheet
396Kb / 13P
512K-Bit Serial RAM
GPRS512C-HS01x GENERALPLUS-GPRS512C-HS01x Datasheet
396Kb / 13P
512K-Bit Serial RAM
More results


Similar Description - GPRS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
List of Unclassifed Man...
PS110W ETC-PS110W Datasheet
629Kb / 2P
Wireless Device Server
IW2128-485 ETC2-IW2128-485 Datasheet
203Kb / 2P
Serial-to-WiFi Device Server
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
Keysight Technologies
E1968A KEYSIGHT-E1968A Datasheet
1Mb / 22P
GSM/GPRS/EGPRS Test Application
logo
Advantech Co., Ltd.
EIS-D150 ADVANTECH-EIS-D150 Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
logo
List of Unclassifed Man...
SX-DS-4000U2 ETC1-SX-DS-4000U2 Datasheet
591Kb / 2P
High-Performance USB Device Server
11.2011
logo
silex technology americ...
DS-510 SILEX-DS-510 Datasheet
3Mb / 2P
Gigabit USB Device Server
REV B. 20192803
logo
List of Unclassifed Man...
COBOX-DR1-MB ETC-COBOX-DR1-MB Datasheet
273Kb / 44P
Device Server
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com