Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPRS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GPRS
Description  HIGH PERFORMANCE GPRS SERVER APPLICATION/DEVICE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GPRS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GPRS Datasheet HTML 1Page - List of Unclassifed Manufacturers GPRS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Medical
Device Server
HIGH PERFORMANCE GPRS
APPLICATION/DEVICE
SERVER
The PremierWave® XC GPRS Application/Device Server provides robust
security by offering a variety of data encryption and authentication
options. Featuring the industry-proven Lantronix device server
application suite with AES, SSH and SSL, PremierWave XC provides
enterprise-level security allowing safe and secure remote access and
management from practically anywhere.
With GSM/GPRS and Ethernet connectivity with failover, PremierWave
XC provides flexibility and redundancy. PremierWave XC can be
configured remotely over a network using Telnet, SSH, or web browser
(HTTP and HTTPS). With no special software required, setup is a
breeze with the included Windows-based DeviceInstaller™ software.
Additionally, to allow existing serial port applications to work with no
code modifications, Lantronix’ proprietary Secure Com Port Redirector™
virtualization software is also included.
A high performance, dual-port secure device
server that offers Serial-to-Cellular and Serial-
to-Ethernet connectivity for remote access and
easy management of machines and equipment
over the network and across the Internet.
PremierWave XC Highlights:
•Dual network connectivity offers flexibility and
redundancy
•Provide network connectivity to virtually any device
with a serial port
•Simple device set-up, configuration and monitoring with
powerful, industry-standard management tools (Web,
CLI, XML)
GSM/GPRS
Application/Device Server
PremierWave
PremierWave
PremierWave
PremierWave
HSPA+
PremierWave


Similar Part No. - GPRS

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
GPRS EUDYNA-GPRS Datasheet
176Kb / 5P
Quad-band Antenna Switch Module
logo
SHENZHEN KYL COMMUNICAT...
GPRS KYL-GPRS Datasheet
168Kb / 15P
Tracker
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
Embedded GPRS Modem
logo
Generalplus Technology ...
GPRS512C GENERALPLUS-GPRS512C Datasheet
396Kb / 13P
512K-Bit Serial RAM
GPRS512C-HS01x GENERALPLUS-GPRS512C-HS01x Datasheet
396Kb / 13P
512K-Bit Serial RAM
More results

Similar Description - GPRS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
List of Unclassifed Man...
PS110W ETC-PS110W Datasheet
629Kb / 2P
Wireless Device Server
IW2128-485 ETC2-IW2128-485 Datasheet
203Kb / 2P
Serial-to-WiFi Device Server
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
Keysight Technologies
E1968A KEYSIGHT-E1968A Datasheet
1Mb / 22P
GSM/GPRS/EGPRS Test Application
logo
Advantech Co., Ltd.
EIS-D150 ADVANTECH-EIS-D150 Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
logo
List of Unclassifed Man...
SX-DS-4000U2 ETC1-SX-DS-4000U2 Datasheet
591Kb / 2P
High-Performance USB Device Server
11.2011
logo
silex technology americ...
DS-510 SILEX-DS-510 Datasheet
3Mb / 2P
Gigabit USB Device Server
REV B. 20192803
logo
List of Unclassifed Man...
COBOX-DR1-MB ETC-COBOX-DR1-MB Datasheet
273Kb / 44P
Device Server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com