Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10S Datasheet (PDF) - ON Semiconductor

MB10S Datasheet PDF - ON Semiconductor
Part # MB10S
Download  MB10S Download
File Size   265.24 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bridge Rectifiers, 0.5 A

MB10S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB10S Datasheet PDF - ON Semiconductor

Part # MB10S
Download  MB10S Click to download

File Size   265.24 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bridge Rectifiers, 0.5 A

MB10S Datasheet (HTML) - ON Semiconductor


MB10S Product details

Description
The MB family of bridge rectifiers is a 0.5 A rectifier family that
achieves high surge current absorption within a very small foot print.
Within its small 35 mm2 form factor, the MB family shines in its surge
capability. In order to absorb high surge currents, the design supports
a 35 A IFSM rating and a 5.0 A2Sec I2T rating. Devices in the family
are also rated to breakdown voltages of up to 1000 V. These features
make the MB family ideal for small power supplies that need a little
extra surge capability.
Features
 Low−Leakage
 Surge Overload Rating: 35 A peak
 Ideal for Printed Circuit Board
 UL Certified: UL #E258596
 This Device is Pb−Free and RoHS Compliant




Similar Part No. - MB10S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10S MCC-MB10S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB10S BILIN-MB10S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
MB10S YANGJIE-MB10S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
MB10S GOOD-ARK-MB10S Datasheet
146Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Daya Electric Group Co....
MB10S DAYA-MB10S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - MB10S

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MDB051 JGD-MDB051 Datasheet
128Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MDBL054 JGD-MDBL054 Datasheet
141Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSB051 JGD-MSB051 Datasheet
132Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSBL054 JGD-MSBL054 Datasheet
161Kb / 2P
SINGLE PHASE 0.5 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
MB2S YANGJIE-MB2S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Daya Electric Group Co....
MB2S DAYA-MB2S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Tiger Electronic Co.,Lt...
MB2S TGS-MB2S Datasheet
288Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
TMBR6S05 SECOS-TMBR6S05 Datasheet
118Kb / 2P
0.5 Amp Silicon Bridge Rectifiers
logo
Tiger Electronic Co.,Lt...
MBJY TGS-MBJY Datasheet
277Kb / 2P
single phase 0.5 amps. glass passivated bridge rectifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com