Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBR6S05 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

TMBR6S05 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # TMBR6S05
Download  TMBR6S05 Download
File Size   118.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.5 Amp Silicon Bridge Rectifiers

TMBR6S05 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMBR6S05 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # TMBR6S05
Download  TMBR6S05 Click to download

File Size   118.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.5 Amp Silicon Bridge Rectifiers

TMBR6S05 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


TMBR6S05 Product details

FEATURES

Ultra Low leakage current IR<2µA,TA=125°C

No solder used,Real fully in line with lead free

Package Thickness is 1.2mm

High ESD >12KV( HBM MODEL)

Plastic material has U/L flammability classification 94V-0

High temperature soldering guaranteed: 260°C/10s( Reflow) 350°C/3s( Manual welding)



MECHANICAL DATA

 Small signal rectifier devices




Similar Part No. - TMBR6S05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TMBR6S05 TSC-TMBR6S05 Datasheet
243Kb / 3P
Silicon Bridge Rectifiers
TMBR6S05 TSC-TMBR6S05 Datasheet
220Kb / 4P
Silicon Bridge Rectifiers
TMBR6S05 TSC-TMBR6S05_14 Datasheet
220Kb / 4P
Silicon Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
TMBR6S05 SECOS-TMBR6S05_15 Datasheet
112Kb / 2P
Silicon Bridge Rectifiers
More results


Similar Description - TMBR6S05

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MDB051 JGD-MDB051 Datasheet
128Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MDBL054 JGD-MDBL054 Datasheet
141Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSB051 JGD-MSB051 Datasheet
132Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSBL054 JGD-MSBL054 Datasheet
161Kb / 2P
SINGLE PHASE 0.5 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GL34A UNIOHM-GL34A Datasheet
61Kb / 2P
0.5 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com