Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBR6S05 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # TMBR6S05
Description  0.5 Amp Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TMBR6S05 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  TMBR6S05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TMBR6S05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMBR6S05
Voltage 600V
0.5 Amp Silicon Bridge Rectifiers
Elektronische Bauelemente
02-Nov-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ultra Low leakage current IR<2µA,TA=125°C
No solder used,Real fully in line with lead free
Package Thickness is 1.2mm
High ESD >12KV(HBM MODEL)
Plastic material has U/L flammability
classification 94V-0
High temperature soldering guaranteed:
260°C/10s(Reflow)
350°C/3s(Manual welding)
MECHANICAL DATA
Small signal rectifier devices.
PACKAGE INFORMATION
Package
MPQ
Leader Size
TMB
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%
.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Reverse Voltage
VRRM
600
V
Maximum RMS Voltage
VRMS
420
V
Maximum DC Blocking Voltage
VDC
600
V
Maximum Average Forward Rectified Current @TA=25°C
I F(AV)
0.5
A
Max continuous Forward Rectified Current @TA=25°C
I MAX.
2
A
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
12
A
Maximum DC Reverse Current at Rated DC
Blocking Voltage
TA=25°C
IR
0.5
µA
TA=125°C
2
Maximum Instantaneous Forward Voltage @ IF=0.25A
VF
1
V
Typical thermal resistance junction to lead
RθJL
200
°C/ W
Operating & Storage Temperature Range
TJ,TSTG
-55~150
°C
TMB
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.5
4.7
F
6.6
7.0
B
3.6
3.8
G
0.2 TYP.
C
1.2 TYP.
H
0.6
0.8
D
2.6
2.8
I
0.9
1.1
E
0.45
0.65
J
0.05
0.15


Similar Part No. - TMBR6S05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TMBR6S05 TSC-TMBR6S05 Datasheet
243Kb / 3P
Silicon Bridge Rectifiers
TMBR6S05 TSC-TMBR6S05 Datasheet
220Kb / 4P
Silicon Bridge Rectifiers
TMBR6S05 TSC-TMBR6S05_14 Datasheet
220Kb / 4P
Silicon Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
TMBR6S05 SECOS-TMBR6S05_15 Datasheet
112Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - TMBR6S05

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MDB051 JGD-MDB051 Datasheet
128Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MDBL054 JGD-MDBL054 Datasheet
141Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSB051 JGD-MSB051 Datasheet
132Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSBL054 JGD-MSBL054 Datasheet
161Kb / 2P
SINGLE PHASE 0.5 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GL34A UNIOHM-GL34A Datasheet
61Kb / 2P
0.5 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com