Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ11 Datasheet (PDF) - Inchange Semiconductor Company Limited

BUZ11 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUZ11
Download  BUZ11 Download
File Size   334.8 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

BUZ11 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ11 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUZ11
Download  BUZ11 Click to download

File Size   334.8 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

BUZ11 Datasheet (HTML) - Inchange Semiconductor Company Limited


BUZ11 Product details

FEATURES
· Drain Current -ID= 30A@ TC=25℃
· Drain Source Voltage -VDSS= 50V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 0.04Ω(Max)@VGS= 10V
DESCRIPTION
· Motor control and drive
· Battery management
· Genaral Power Switching




Similar Part No. - BUZ11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ11 STMICROELECTRONICS-BUZ11 Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
Jul-1999
logo
Siemens Semiconductor G...
BUZ11 SIEMENS-BUZ11 Datasheet
120Kb / 9P
SIPMOS Power Transistorm (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ11 INTERSIL-BUZ11 Datasheet
45Kb / 6P
30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
June 1999
logo
Fairchild Semiconductor
BUZ11 FAIRCHILD-BUZ11 Datasheet
81Kb / 6P
30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
BUZ11 NJSEMI-BUZ11 Datasheet
131Kb / 3P
N - CHANNEL 50V - 0.03Q - 33A TO-220 STripFET??MOSFET
More results


Similar Description - BUZ11

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com