Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ11 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BUZ11 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BUZ11
Download  BUZ11 Download
File Size   131.34 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N - CHANNEL 50V - 0.03Q - 33A TO-220 STripFET??MOSFET

BUZ11 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ11 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BUZ11
Download  BUZ11 Click to download

File Size   131.34 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N - CHANNEL 50V - 0.03Q - 33A TO-220 STripFET??MOSFET

BUZ11 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BUZ11 Product details

N - CHANNEL50V - 0.03Q - 33A TO-220 STripFET™ MOSFET

■ TYPICAL Ros(on) = 0.03Ω
■ AVALANCHE RUGGED TECHNOLOGY
■ 100% AVALANCHE TESTED
■ HIGH CURRENT CAPABILITY
■ 175°C OPERATING TEMPERATURE

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID ANDRELAY DRIVERS
■ REGULATORS
■ DC-DC &DC-AC CONVERTERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS,Etc.)




Similar Part No. - BUZ11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ11 STMICROELECTRONICS-BUZ11 Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
Jul-1999
logo
Siemens Semiconductor G...
BUZ11 SIEMENS-BUZ11 Datasheet
120Kb / 9P
SIPMOS Power Transistorm (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ11 INTERSIL-BUZ11 Datasheet
45Kb / 6P
30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
June 1999
logo
Fairchild Semiconductor
BUZ11 FAIRCHILD-BUZ11 Datasheet
81Kb / 6P
30A, 50V, 0.040 Ohm, N-Channel Power MOSFET
logo
List of Unclassifed Man...
BUZ11 ETC2-BUZ11 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - BUZ11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ10 STMICROELECTRONICS-BUZ10 Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.06W - 23A TO-220 STripFET] MOSFET
Feb-2000
BUZ11 STMICROELECTRONICS-BUZ11 Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.03W - 33A TO-220 STripFET] MOSFET
Jul-1999
BUZ11A STMICROELECTRONICS-BUZ11A Datasheet
80Kb / 8P
N - CHANNEL 50V - 0.045W - 26A TO-220 STripFET] MOSFET
Jul-1999
BUZ71 STMICROELECTRONICS-BUZ71 Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET
Jul-1999
BUZ71A STMICROELECTRONICS-BUZ71A Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.1W - 13A TO-220 STripFET] POWER MOSFET
Jul-1999
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
STP20NE10 STMICROELECTRONICS-STP20NE10 Datasheet
81Kb / 8P
N - CHANNEL 100V - 0.07ohm - 20A - TO-220 STripFET MOSFET
Jul-1998
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
N-channel 100V - 0.021??- 50A TO-220 STripFET™Power MOSFET
Apr-1999
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com